Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC73PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC73PW
Description  Dual JK flip-flop with reset; negative-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC73PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC73PW Datasheet HTML 1Page - NXP Semiconductors 74HC73PW Datasheet HTML 2Page - NXP Semiconductors 74HC73PW Datasheet HTML 3Page - NXP Semiconductors 74HC73PW Datasheet HTML 4Page - NXP Semiconductors 74HC73PW Datasheet HTML 5Page - NXP Semiconductors 74HC73PW Datasheet HTML 6Page - NXP Semiconductors 74HC73PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9397 750 13815
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
3 of 21
Philips Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
5.
Functional diagram
Fig 1.
Functional diagram
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aab981
Q
1Q 12
1J
14
Q
R
1Q 13
J
1CP
1
1K
3
1R
2
CP
FF1
K
Q
2Q 9
2J
7
Q
R
2Q 8
J
2CP
5
2K
10
2R
6
CP
FF2
K
001aab979
Q
1Q 12
2Q 9
1J
14
2J
7
Q
R
1Q 13
2Q 8
J
1CP
1
2CP
5
1K
3
2K
1R 2R
26
10
CP
FF
K
001aab980
13
12
1J
1K
3
R
2
1
4
C1
8
9
1J
1K
10
R
6
5
7
C1


Similar Part No. - 74HC73PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC73PW NXP-74HC73PW Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC73PW NEXPERIA-74HC73PW Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
More results

Similar Description - 74HC73PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com