Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT7731N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT7731N
Description  Quad 64-bit static shift register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7731N Datasheet(HTML) 8 Page - NXP Semiconductors

  74HCT7731N Datasheet HTML 1Page - NXP Semiconductors 74HCT7731N Datasheet HTML 2Page - NXP Semiconductors 74HCT7731N Datasheet HTML 3Page - NXP Semiconductors 74HCT7731N Datasheet HTML 4Page - NXP Semiconductors 74HCT7731N Datasheet HTML 5Page - NXP Semiconductors 74HCT7731N Datasheet HTML 6Page - NXP Semiconductors 74HCT7731N Datasheet HTML 7Page - NXP Semiconductors 74HCT7731N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
September 1993
8
Philips Semiconductors
Product specification
Quad 64-bit static shift register
74HC/HCT7731
Fig.6 CPD as a function of the duty factor.
handbook, halfpage
CPD
(pF)
0
0.2
0.4
0.6
duty factor
60
40
20
0
MLA166
POWER DISSIPATION INFORMATION
The power dissipation per register operating at the same
frequency is given by:
PD = (CPD x VCC2 x fi) + (CL + VCC2 x fo) + (Ipull-up x VCC)
As PD also depends on the frequency at which the
contents of the internal bits are changing, the value of CPD
is a function of the duty factor (df) being the ration between
data and clock frequency, see Fig.6.
Example:
As the maximum allowable power dissipation in an SO
package at Tamb = 125 °C is 60 mW, it is allowed to apply
4 registers at the same time under these conditions.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
fi
= clock input frequency
fo
= data output frequency
CL
= output load capacitance in pF
VCC
= power supply voltage in V.
fi
= 12 MHz
fo
= 3 MHz
CL
= 25 pF
VCC
=5 V
df
= 3/12 = 0.25
CPD
= 42.5 pF
PD = (42.5 × 52 × 12) + (25 × 52 × 3) = 14625 µW


Similar Part No. - 74HCT7731N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7030 PHILIPS-74HCT7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HCT7046A PHILIPS-74HCT7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7080 PHILIPS-74HCT7080 Datasheet
52Kb / 8P
   16-bit even/odd parity generator/checker
December 1990
74HCT7245 PHILIPS-74HCT7245 Datasheet
42Kb / 7P
   Octal bus Schmitt-trigger transceiver; 3-state
December 1990
More results

Similar Description - 74HCT7731N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4731B FAIRCHILD-4731B Datasheet
284Kb / 2P
   QUAD 64-BIT STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
Hitachi Semiconductor
HD14517B HITACHI-HD14517B Datasheet
96Kb / 5P
   Dual 64-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B PHILIPS-HEF4517B Datasheet
75Kb / 8P
   Dual 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4731B PHILIPS-HEF4731B Datasheet
49Kb / 4P
   Quadruple 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_14 Datasheet
109Kb / 5P
   Dual 64-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com