Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT9114 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT9114
Description  Nine wide Schmitt trigger buffer; open drain outputs; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT9114 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT9114 Datasheet HTML 1Page - NXP Semiconductors 74HCT9114 Datasheet HTML 2Page - NXP Semiconductors 74HCT9114 Datasheet HTML 3Page - NXP Semiconductors 74HCT9114 Datasheet HTML 4Page - NXP Semiconductors 74HCT9114 Datasheet HTML 5Page - NXP Semiconductors 74HCT9114 Datasheet HTML 6Page - NXP Semiconductors 74HCT9114 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer;
open drain outputs; inverting
74HC/HCT9114
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Transfer characteristics are given below.
Output capability: standard
ICC category: MSI
TRANSFER CHARACTERISTICS FOR 74HC
Voltages are referred to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min
.
max.
min.
max.
VT+
positive-going
threshold
0.70
1.75
2.30
1.13
2.37
3.11
1.50
3.15
4.20
0.70
1.75
2.30
1.50
3.15
4.20
0.70
1.75
2.30
1.50
3.15
4.20
V
2.0
4.5
6.0
Fig.6
VT−
negative-going
threshold
0.30
1.35
1.80
0.70
1.80
2.43
1.10
2.40
3.30
0.30
1.35
1.80
1.10
2.40
3.30
0.30
1.35
1.80
1.10
2.40
3.30
V
2.0
4.5
6.0
Fig.6
VH
hysteresis (VT+ − VT−) 0.2
0.4
0.5
0.43
0.57
0.68
0.80
1.00
1.10
0.18
0.40
0.50
0.80
1.00
1.10
0.15
0.40
0.50
0.80
1.00
1.10
V
2.0
4.5
6.0
Fig.6
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLZ
propagation delay
An to Yn
36
13
10
110
22
19
140
28
24
165
33
28
ns
2.0
4.5
6.0
Fig.7
tTHL
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HCT9114

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
74HCT9114D NEXPERIA-74HCT9114D Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
More results

Similar Description - 74HCT9114

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
logo
NXP Semiconductors
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HC_HCT9115_CNV PHILIPS-74HC_HCT9115_CNV_15 Datasheet
47Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
   Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
NXP Semiconductors
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
   Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer/line driver
December 1990
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com