Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT543 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT543
Description  Octal Registered Transceiver with TRI-STATE짰 Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT543 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT543 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT543 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ABT543
Octal Registered Transceiver with TRI-STATE® Outputs
General Description
The ’ABT543 octal transceiver contains two sets of D-type
latches for temporary storage of data flowing in either direc-
tion. Separate Latch Enable and Output Enable inputs are
provided for each register to permit independent control of
inputting and outputting in either direction of data flow.
Features
n
Back-to-back registers for storage
n
Bidirectional data path
n
A and B outputs have current sourcing capability of 24
mA and current sinking capability of 48 mA
n
Separate controls for data flow in each direction
n
Guaranteed latchup protection
n
High impedance glitch free bus loading during entire
power up and power down cycle
n
Nondestructive hot insertion capability
n
Standard Military Drawing (SMD) 5962-9231401
Ordering Code:
Military
Package
Package Description
Number
54ABT543J-QML
J24F
24-Lead Ceramic Dual-In-Line
54ABT543W-QML
W24C
24-Lead Cerpack
54ABT543E-QML
E28A
28-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagrams
Pin Assignment for
DIP and Flatpak
10021801
Pin Assignment
for LCC
10021802
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
November 2002
© 2002 National Semiconductor Corporation
DS100218
www.national.com


Similar Part No. - 54ABT543

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541E-QML NSC-54ABT541E-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541J-QML NSC-54ABT541J-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541W-QML NSC-54ABT541W-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT541 TI1-54ABT541_13 Datasheet
304Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ABT543

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F563 NSC-54F563 Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com