Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT9046AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT9046AD
Description  PLL with bandgap controlled VCO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT9046AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT9046AD Datasheet HTML 5Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 6Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 7Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 8Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 9Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 10Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 11Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 12Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1999 Jan 11
9
Philips Semiconductors
Product specification
PLL with bandgap controlled VCO
74HCT9046A
The pump current IP is independent
from the supply voltage and is set by
the internal bandgap reference of
2.5 V.
Rb is the external bias resistor
between pin 15 and ground.
The current and voltage transfer
function of PC2 are shown in Fig.9.
The phase comparator gain is:
Typical waveforms for the PC2 loop
locked at fc are shown in Fig.10.
When the frequencies of SIGIN and
COMPIN are equal but the phase of
SIGIN leads that of COMPIN, the up
output driver at PC2OUT is held ‘ON’
for a time corresponding to the phase
difference (
ΦPCIN). When the phase of
SIGIN lags that of COMPIN, the down
or sink driver is held ‘ON’.
When the frequency of SIGIN is higher
than that of COMPIN, the source
output driver is held ‘ON’ for most of
the input signal cycle time and for the
remainder of the cycle time both
drivers are ‘OFF’ (3-state). If the
SIGIN frequency is lower than the
COMPIN frequency, then it is the sink
driver that is held ‘ON’ for most of the
cycle. Subsequently the voltage at the
capacitor (C2) of the low-pass filter
connected to PC2OUT varies until the
signal and comparator inputs are
equal in both phase and frequency. At
this stable point the voltage on C2
remains constant as the PC2 output is
in 3-state and the VCO input at pin 9
is a high impedance. Also in this
condition the signal at the phase
comparator pulse output (PCPOUT)
has a minimum output pulse width
equal to the overlap time, so can be
used for indicating a locked condition.
I
P
17
2.5
R
b
-------- A
()
×
=
K
p
I
P
2
π
------- Ar
()
=
Thus for PC2 no phase difference
exists between SIGIN and COMPIN
over the full frequency range of the
VCO. Moreover, the power
dissipation due to the low-pass filter is
reduced because both output drivers
are OFF for most of the signal input
cycle. It should be noted that the PLL
lock range for this type of phase
comparator is equal to the capture
range and is independent of the
low-pass filter. With no signal present
at SIGIN the VCO adjust, via PC2, to
its lowest frequency.
By using current sources as charge
pump output on PC2, the dead zone
or backlash time could be reduced to
zero. Also, the pulse widening due to
the parasitic output capacitance plays
no role here. This enables a linear
transfer function, even in the vicinity
of the zero crossing. The differences
between a voltage switch charge
pump and a current switch charge
pump are shown in Fig.11.
The design of the low-pass filter is
somewhat different when using
current sources. The external resistor
R3 is no longer present when using
PC2 as phase comparator. The
current source is set by Rb. A simple
capacitor behaves as an ideal
integrator now, because the capacitor
is charged by a constant current. The
transfer function of the voltage switch
charge pump may be used. In fact it is
even more valid, because the transfer
function is no longer restricted for
small changes only. Further the
current is independent from both the
supply voltage and the voltage across
the filter. For one that is familiar with
the low-pass filter design of the
4046A a relation may show how Rb
relates with a fictive series resistance,
called R3'.
This relation can be derived by
assuming first that a voltage
controlled switch PC2 of the 4046A is
connected to the filter capacitance C2
via this fictive R3' (see Fig.8b). Then
during the PC2 output pulse the
charge current equals:
With the initial voltage VC2(0) at:
1
2VCC = 2.5 V,
As shown before the charge current
of the current switch of the 9046A is:
Hence:
Using this equivalent resistance R3'
for the filter design the voltage can
now be expressed as a transfer
function of PC2; assuming ripple
(fr =fi) is suppressed, as:
Again this illustrates the supply
voltage independent behaviour of
PC2.
Examples of PC2 combined with a
passive filter are shown in Figs 12
and 13. Figure 12 shows that PC2
with only a C2 filter behaves as a
high-gain filter. For stability the
damped version of Fig.13 with series
resistance R4 is preferred.
Practical design values for Rb are
between 25 and 250 k
Ω with
R3' = 1.5 to 15 k
Ω for the filter design.
Higher values for R3' require lower
values for the filter capacitance which
is very advantageous at low values
the loop natural frequency
ω
n.
I
P
V
CC
V
C2 0
()
R3'
-----------------------------------
=
I
P
2.5
R3'
---------
=
I
P
17
2.5
R
b
--------
×
=
R3'
R
b
17
-------
()
=
K
PC2
5
4
π
------- Vr
()
=


Similar Part No. - 74HCT9046AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT9046AD NXP-74HCT9046AD Datasheet
230Kb / 43P
   PLL with band gap controlled VCO
Rev. 06-15 September 2009
logo
Nexperia B.V. All right...
74HCT9046AD NEXPERIA-74HCT9046AD Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
More results

Similar Description - 74HCT9046AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT9046A NXP-74HCT9046A Datasheet
230Kb / 43P
   PLL with band gap controlled VCO
Rev. 06-15 September 2009
logo
Nexperia B.V. All right...
74HCT9046A NEXPERIA-74HCT9046A Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Analog Devices
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com