Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT9046AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT9046AD
Description  PLL with bandgap controlled VCO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT9046AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT9046AD Datasheet HTML 6Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 7Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 8Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 9Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 10Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 11Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 12Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 13Page - NXP Semiconductors 74HCT9046AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1999 Jan 11
10
Philips Semiconductors
Product specification
PLL with bandgap controlled VCO
74HCT9046A
MBD099
R3'
I P
up
down
C2
VCC
PC2 OUT
VC2 OUT
Fig.8 The current switch charge pump output of PC2.
b.
a.
MBD046 - 1
PC2 OUT
C2
VCC
I P
I P
down
up
∆ Φ = Φ
pulse overlap of
approximately 15 ns
PCIN
a. At every
∆Φ, even at zero ∆Φ both switches are closed simultaneously for a short period (typically 15 ns).
b. Comparable voltage-controlled switch.
0
MSB306 - 1
20
1/2V
0
V
VDEMOUT(AV)
CC
CC
π
Φ PCIN
2
π
I
x R
P
Φ PCIN = Φ SIGIN Φ COMPIN
20
π
Φ PCIN
2
π
I P
I P
Fig.9 Phase comparator 2.
Two kinds of transfer functions may be regarded:
a. The current transfer:
b. The voltage transfer; this transfer can be observed at PC2OUT by connecting a resistor (R = 10 kΩ) between PC2OUT and 12VCC;
pump current
I
P
2
π
-------
Φ
PCIN
V
DEMOUT
V
PC2OUT
5
4
π
-------
Φ
PCIN
==
b.
a.


Similar Part No. - 74HCT9046AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT9046AD NXP-74HCT9046AD Datasheet
230Kb / 43P
   PLL with band gap controlled VCO
Rev. 06-15 September 2009
logo
Nexperia B.V. All right...
74HCT9046AD NEXPERIA-74HCT9046AD Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
More results

Similar Description - 74HCT9046AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT9046A NXP-74HCT9046A Datasheet
230Kb / 43P
   PLL with band gap controlled VCO
Rev. 06-15 September 2009
logo
Nexperia B.V. All right...
74HCT9046A NEXPERIA-74HCT9046A Datasheet
667Kb / 36P
   PLL with band gap controlled VCO
Rev. 9 - 20 March 2020
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Analog Devices
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com