Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90560 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90560
Description  16-bit Proprietary Microcontrollers
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90560 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90560 Datasheet HTML 6Page - Fujitsu Component Limited. MB90560 Datasheet HTML 7Page - Fujitsu Component Limited. MB90560 Datasheet HTML 8Page - Fujitsu Component Limited. MB90560 Datasheet HTML 9Page - Fujitsu Component Limited. MB90560 Datasheet HTML 10Page - Fujitsu Component Limited. MB90560 Datasheet HTML 11Page - Fujitsu Component Limited. MB90560 Datasheet HTML 12Page - Fujitsu Component Limited. MB90560 Datasheet HTML 13Page - Fujitsu Component Limited. MB90560 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
MB90560/565 Series
10
s PIN DESCRIOTIONS
* : See “s I/O CIRCUITS” for details of the circuit types.
(Continued)
Pin No.
Pin
Name
Circuit
Type*
State/
Function
at Reset
Description
QFPM06 LQFPM09
SDIP
23, 24
22, 23
30, 31
X0, X1
A
Oscillator
Connect oscillator to these pins.
If using an external clock, leave X1 open.
20
19
27
RST
B
Reset
input
External reset input pin
26 to 33
25 to 32
33 to 40
P00 to
P07
C
Port
inputs
(Hi-Z
outputs)
I/O ports
34 to 40
33 to 39
41 to 47
P10 to
P16
C
I/O ports
INT0 to
INT6
Can be used as interrupt request inputs ch0 to ch6.
In standby mode, these pins can operate as inputs
by setting the bits corresponding to EN0 to EN6 to
“1” and setting as input ports. When used as a port,
set the corresponding bits in the analog input
enable register (ADER) to “port”.
41
40
48
P17
C
I/O port
FRCK
External clock input pin for the freerun timer.
This pin can be used as an input when set as the
clock input for the freerun timer and set as an input
port. When used as a port, set the corresponding
bit in the analog input enable register (ADER) to
“port”.
42
41
49
P20
D
I/O port
TIN0
External clock input pin for reload timer ch0. This
pin can be used as an input when set as the exter-
nal clock input and set as an input port.
43
42
50
P21
D
I/O port
TO0
Event output pin for reload timer ch0. Output oper-
ates when event output is enabled.
44
43
51
P22
D
I/O port
TIN1
External clock input pin for reload timer ch1. This
pin can be used as an input when set as the exter-
nal clock input and set as an input port.
45
44
52
P23
D
I/O port
TO1
Event output pin for reload timer ch1. Output oper-
ates when event output is enabled.
46 to 49
45 to 48
53 to 56
P24 to
P27
D
I/O ports
IN0 to
IN3
Trigger input pins for input capture ch0 to ch3.
These pins can be used as an input when set as an
input capture trigger input and set as an input port.


Similar Part No. - MB90560

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560 Datasheet
3Mb / 581P
   16-BIT MICROCONTROLLER
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90560

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com