Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV02PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV02PWDH
Description  Quad 2-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV02PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV02PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV02PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LV02
Quad 2-input NOR gate
2
1998 Apr 20
853–1899 19257
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 5.5 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: standard
I
CC category: SSI
DESCRIPTION
The 74LV02 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT02.
The 74LV02 provides the 2-input NOR function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB to nY
CL = 15 pF;
VCC = 3.3 V
6
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
See Notes 1 and 2
22
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV02 N
74LV02 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV02 D
74LV02 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV02 DB
74LV02 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV02 PW
74LV02PW DH
SOT402-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 10, 13
1Y – 4Y
Data outputs
2, 5, 8, 11
1A – 4A
Data inputs
3, 6, 9, 12
1B – 4B
Data inputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nY
L
L
H
L
H
L
H
L
L
H
H
L
NOTES:
H = HIGH voltage level
L
= LOW voltage level


Similar Part No. - 74LV02PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV02PW NEXPERIA-74LV02PW Datasheet
623Kb / 12P
   Quad 2-input NOR gate
Rev. 04 - 20 December 2007
More results

Similar Description - 74LV02PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com