Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV109 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV109
Description  Dual JK flip-flop with set and reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV109 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV109 Datasheet HTML 1Page - NXP Semiconductors 74LV109 Datasheet HTML 2Page - NXP Semiconductors 74LV109 Datasheet HTML 3Page - NXP Semiconductors 74LV109 Datasheet HTML 4Page - NXP Semiconductors 74LV109 Datasheet HTML 5Page - NXP Semiconductors 74LV109 Datasheet HTML 6Page - NXP Semiconductors 74LV109 Datasheet HTML 7Page - NXP Semiconductors 74LV109 Datasheet HTML 8Page - NXP Semiconductors 74LV109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV109
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
3
LOGIC SYMBOL (IEEE/IEC)
SV00519
(a)
(b)
610
79
S
1J
C1
1K
R
2
5
4
3
1
S
1J
C1
1K
R
14
11
12
13
15
LOGIC SYMBOL
SV00518
Q
11
15
2SD
2RD
1SD
1R D
5
1
Q
J
CP
K
1Q 6
2Q 10
1Q 7
2Q 9
14 2J
2 1J
4 1CP
12 2CP
3 1K
13 2K
FUNCTIONAL DIAGRAM
1SD
SV00520
Q
Q
2SD
5
11
1RD
2RD
RD
1
15
Q
Q
J
J
CP
FF1
FF2
CP
K
K
1Q
6
10
2Q
1Q
2Q
7
9
2
14
1J
2J
1CP
2CP
4
12
3
13 2K
1K
SD
SD
RD
LOGIC DIAGRAM
SV00521
C
C
C
C
C
C
C
C
C
CP
R
J
K
Q
Q
C
S


Similar Part No. - 74LV109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107D PHILIPS-74LV107D Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107DB PHILIPS-74LV107DB Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107N PHILIPS-74LV107N Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
More results

Similar Description - 74LV109

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com