Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV08PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV08PW
Description  Quad 2-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV08PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV08PW Datasheet HTML 1Page - NXP Semiconductors 74LV08PW Datasheet HTML 2Page - NXP Semiconductors 74LV08PW Datasheet HTML 3Page - NXP Semiconductors 74LV08PW Datasheet HTML 4Page - NXP Semiconductors 74LV08PW Datasheet HTML 5Page - NXP Semiconductors 74LV08PW Datasheet HTML 6Page - NXP Semiconductors 74LV08PW Datasheet HTML 7Page - NXP Semiconductors 74LV08PW Datasheet HTML 8Page - NXP Semiconductors 74LV08PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LV08
Quad 2-input AND gate
1998 Apr 20
5
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP.1
MAX
MIN
MAX
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; SSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
40
µA
∆ICC
Additional
quiescent supply
current
VCC = 2.7V to 3.6V; VI = VCC – 0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
45
Propagation delay
2.0
15
26
33
tPHL/tPLH
Propagation delay
nA, nB to nY
Figures 1, 2
2.7
11
17
21
ns
nA, nB to nY
3.0 to 3.6
92
15
19
4.5 to 5.5
11
14
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C.
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VM = 0.5 × VCC at VCC < 2.7 V and ≥ 4.5 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00414
VM
nA, nB INPUT
nY OUTPUT
VM
tPLH
t PHL
GND
Vl
VOL
VOH
Figure 1. Input (nA, nB) to output (nY) propagation delays
and output transition times.
TEST CIRCUIT
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
RL= 1k
Vcc
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
tPLH/tPHL
≥ 4.5 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance
50pF
RT = Termination resistance should be equal to ZOUT of pulse generators.
SV00902
Figure 2. Load circuitry for switching times.


Similar Part No. - 74LV08PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV08PW NEXPERIA-74LV08PW Datasheet
218Kb / 11P
   Quad 2-input AND gate
Rev. 5 - 13 September 2021
74LV08PW-Q100 NEXPERIA-74LV08PW-Q100 Datasheet
691Kb / 12P
   Quad 2-input AND gate
More results

Similar Description - 74LV08PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com