Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4053BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC4053BQ
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC4053BQ Datasheet HTML 1Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 2Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 3Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 4Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 5Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 6Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 7Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 8Page - NXP Semiconductors 74HC4053BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The 74HC4053; 74HCT4053 is a high-speed Si-gate CMOS device and is pin compatible
with the HEF4053B. It is specified in compliance with JEDEC standard no. 7A.
The 74HC4053; 74HCT4053 is triple 2-channel analog multiplexer/demultiplexer with a
common enable input (E). Each multiplexer/demultiplexer has two independent
inputs/outputs (nY0 and nY1), a common input/output (nZ) and three digital select
inputs (Sn).
With E LOW, one of the two switches is selected (low-impedance ON-state) by S1 to S3.
With E HIGH, all switches are in the high-impedance OFF-state, independent of S1 to S3.
VCC and GND are the supply voltage pins for the digital control inputs (S1 to S3 and E).
The VCC to GND ranges are 2.0 V to 10.0 V for 74HC4053 and 4.5 V to 5.5 V for
74HCT4053. The analog inputs/outputs (nY0 and nY1, and nZ) can swing between VCC
as a positive limit and VEE as a negative limit. VCC − VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically
ground).
2.
Features
s Low ON resistance:
x 80
Ω (typical) at V
CC − VEE = 4.5 V
x 70
Ω (typical) at V
CC − VEE = 6.0 V
x 60
Ω (typical) at V
CC − VEE = 9.0 V
s Logic level translation:
x To enable 5 V logic to communicate with
±5 V analog signals
s Typical ‘break before make’ built in
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-C exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s Multiple package options
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04 — 9 May 2006
Product data sheet


Similar Part No. - 74HC4053BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4053BQ NXP-74HC4053BQ Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053BQ NXP-74HC4053BQ Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC4053BQ NXP-74HC4053BQ Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Nexperia B.V. All right...
74HC4053BQ NEXPERIA-74HC4053BQ Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
logo
NXP Semiconductors
74HC4053BQ-Q100 NXP-74HC4053BQ-Q100 Datasheet
320Kb / 30P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 2-22 November 2012
More results

Similar Description - 74HC4053BQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com