Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC020BCQ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC020BCQ
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020BCQ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC020BCQ Datasheet HTML 6Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 7Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 8Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 9Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 10Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 11Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 12Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 13Page - National Semiconductor (TI) CLC020BCQ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information
A typical application circuit for the CLC020 is shown in
Figure 7. This circuit demonstrates the capabilities of the
CLC020 and allows its evaluation in a variety of configura-
tions. An assembled demonstration board with more com-
prehensive evaluation options is available, part number
SD020EVK. The board may be ordered through any of Na-
tional’s sales offices. Complete circuit board layouts and
schematics, for the SD020EVK are available on National’s
WEB site in the application information for this device. For
latest information, please see: www.national.com/appinfo/
interface
APPLICATION CIRCUIT
Several different input and output drive and loading options
can be constructed on the SD020EVK application circuit
board, Figure 8. Pin headers are provided for input cabling
and control signal access. The appropriate value resistor
packs, 220 and 330
Ω for TTL or 50Ω for signal sources
requiring such loading, should be installed at RP1-4 before
applying input signals.
The board’s outputs may be DC interfaced to PECL inputs by
first installing 124
Ω resistors at R1B and R2B, changing R1A
and R2A to 187
Ω and replacing C1 and C2 with short
circuits. The PECL inputs should be directly connected to J1
and J2 without cabling. If 75
Ω cabling is used to connect the
CLC020 to the PECL inputs, the voltage dividers used on the
CLC020 outputs must be removed and re-installed on the
circuit board where the PECL device is mounted. This will
provide correct termination for the cable and biasing for both
the CLC020’s outputs and the PECL inputs. It is most impor-
tant to note that a 75
Ω or equivalent DC loading (measured
with respect to the negative supply rail) must always be
installed at both of the CLC020’s SDO outputs to obtain
proper signal levels from device. When using 75
Ω Thevenin-
equivalent load circuits, the DC bias applied to the SDO
outputs should not exceed +3V with respect to the negative
supply rail. Serial output levels should be reduced to 400
mV
p-p by changing RREF to 3.4 k
Ω.
The Test Out output is intended for monitoring by equipment
presenting high impedance loading (>500
Ω). When monitor-
ing the Lock Detect output, the attached monitoring circuit
should present a DC resistance greater than 5 k
Ω so that
Lock Detect indicator operation is not affected.
10091708
FIGURE 7. Typical Application Circuit
www.national.com
10


Similar Part No. - CLC020BCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC020BCQ/NOPB TI1-CLC020BCQ/NOPB Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results

Similar Description - CLC020BCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
LMH0001 TI1-LMH0001_14 Datasheet
727Kb / 11P
[Old version datasheet]   SMPTE 259M / 344M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com