Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV109D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV109D
Description  Dual JK flip-flop with set and reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV109D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV109D Datasheet HTML 2Page - NXP Semiconductors 74LV109D Datasheet HTML 3Page - NXP Semiconductors 74LV109D Datasheet HTML 4Page - NXP Semiconductors 74LV109D Datasheet HTML 5Page - NXP Semiconductors 74LV109D Datasheet HTML 6Page - NXP Semiconductors 74LV109D Datasheet HTML 7Page - NXP Semiconductors 74LV109D Datasheet HTML 8Page - NXP Semiconductors 74LV109D Datasheet HTML 9Page - NXP Semiconductors 74LV109D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV109
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
6
AC CHARACTERISTICS (Continued)
GND
= 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
75
tPHL
Propagation delay
Figure 2
2.0
26
46
60
ns
tPHL
gy
nSD to nQ
Figure 2
2.7
19
36
44
ns
3.0 to 3.6
172
29
35
1.2
75
tPHL
Propagation delay
Figure 2
2.0
26
46
60
ns
tPHL
gy
nRD to nQ
Figure 2
2.7
19
36
44
ns
3.0 to 3.6
152
29
35
1.2
70
tPLH
Propagation delay
Figure 2
2.0
24
44
54
ns
tPLH
gy
nRD to nQ
Figure 2
2.7
18
33
40
ns
3.0 to 3.6
132
26
32
Clock pulse width
2.0
34
12
41
tW
Clock pulse width
HIGH or LOW
Figure 1
2.7
25
9
30
ns
HIGH or LOW
3.0 to 3.6
20
72
24
Set or reset pulse
2.0
34
9
41
tW
Set or reset pulse
width HIGH or LOW
Figure 2
2.7
25
6
30
ns
width HIGH or LOW
3.0 to 3.6
20
52
24
1.2
35
t
Removal time
Figure 2
2.0
24
12
29
ns
trem
nSD, nRD to nCP
Figure 2
2.7
18
9
21
ns
3.0 to 3.6
14
72
17
1.2
30
t
Set-up time
Figure 1
2.0
22
10
26
ns
tsu
nJ, nK to CP
Figure 1
2.7
16
8
19
ns
3.0 to 3.6
13
62
15
1.2
–5
th
Hold time
Figure 1
2.0
5
–2
5
ns
th
nJ, nK to nCP
Figure 1
2.7
5
–1
5
ns
3.0 to 3.6
5
02
5
Maximum clock
2.0
14
40
12
fmax
Maximum clock
pulse frequency
Figure 1
2.7
19
58
16
MHz
ulse frequency
3.0 to 3.6
24
702
20
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.


Similar Part No. - 74LV109D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107D PHILIPS-74LV107D Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107DB PHILIPS-74LV107DB Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107N PHILIPS-74LV107N Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
More results

Similar Description - 74LV109D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com