Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV109DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV109DB
Description  Dual JK flip-flop with set and reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV109DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV109DB Datasheet HTML 3Page - NXP Semiconductors 74LV109DB Datasheet HTML 4Page - NXP Semiconductors 74LV109DB Datasheet HTML 5Page - NXP Semiconductors 74LV109DB Datasheet HTML 6Page - NXP Semiconductors 74LV109DB Datasheet HTML 7Page - NXP Semiconductors 74LV109DB Datasheet HTML 8Page - NXP Semiconductors 74LV109DB Datasheet HTML 9Page - NXP Semiconductors 74LV109DB Datasheet HTML 10Page - NXP Semiconductors 74LV109DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV109
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
7
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
The shaded areas indicate when the input is permitted to change
for predictable output performance.
SV00522
1/f max
t h
t h
t PLH
t PHL
t PLH
t PHL
t W
t su
t su
VM
VM
VM
VM
nJ, nK
INPUT
nCP
INPUT
nQ
OUTPUT
VI
VI
GND
GND
VOH
VOH
VOL
VOL
nQ
OUTPUT
Figure 1. Clock (nCP) to output (nQ, nQ) propagation delays,
the clock pulse width, the nJ and nK to nCP set-up, the nCP to
nJ, nK hold times and the maximum clock pulse frequency.
SV00523
tW
tW
tPLH
tPHL
trem
VM
VM
VM
VM
VM
nSD
INPUT
nRD
INPUT
nCP
INPUT
nQ
OUTPUT
VOH
Vl
Vl
Vl
VOH
VOL
VOL
GND
GND
GND
nQ
OUTPUT
trem
tPLH
tPHL
Figure 2. Set (nSD) and reset (nRD) input to output (nQ, nQ)
propagation delays, the set and reset pulse widths and the nRD,
nSD to nCP removal time.
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
50pF
SV00901
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
2.7–3.6V
2.7V
Figure 3. Load circuitry for switching times.


Similar Part No. - 74LV109DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107D PHILIPS-74LV107D Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107DB PHILIPS-74LV107DB Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107N PHILIPS-74LV107N Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
More results

Similar Description - 74LV109DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com