Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7DC-16D18D Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # S7DC-16D18D
Description  NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DC-16D18D Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button S7DC-16D18D Datasheet HTML 2Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 3Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 4Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 5Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 6Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 7Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 8Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 9Page - Bel Fuse Inc. S7DC-16D18D Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 03.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02S7DC-16D180
3 – 15V Input / 1.8V Output / 16A
page 6
Efficiency Data
Module 1.80V
65%
70%
75%
80%
85%
90%
95%
1.6
4.0
8.0
12.0
16.0
Output Current
3.3V
5.0V
12V


Similar Part No. - S7DC-16D18D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DC-16D120 BEL-S7DC-16D120 Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DC-16D12D BEL-S7DC-16D12D Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DC-16D12S BEL-S7DC-16D12S Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
More results

Similar Description - S7DC-16D18D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D120 BEL-SRDC-16D120 Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DC-16D120 BEL-S7DC-16D120 Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D250 BEL-SRDC-16D250 Datasheet
157Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
S7DC-16D250 BEL-S7DC-16D250 Datasheet
149Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DC-16D330 BEL-S7DC-16D330 Datasheet
176Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
G7NA-30D180 BEL-G7NA-30D180 Datasheet
129Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / Programmable Output / 30A VRM 8.5 Compatible
V7BC-16F2AX BEL-V7BC-16F2AX Datasheet
168Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4V-5.5V Input 0.75V-3.63V/16A Output
G7NB-60E180 BEL-G7NB-60E180 Datasheet
143Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 4.5 -15V Input / Programmable Output / 60A VRM 9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com