Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC251DMQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC251DMQB
Description  8-Input Multiplexer With TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC251DMQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54AC251DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC251DMQB Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MN54AC251-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temperature Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED
BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IIH
High Level Input
Current
VCC=5.5V, VM=5.5V, VINL=0.0V
1, 2 INPUT
0.1
uA
1
1, 2 INPUT
1.0
uA
2, 3
IIL
Low Level Input
Current
VCC=5.5V, VM=0.0V, VINH=5.5V
1, 2 INPUT
-0.1
uA
1
1, 2 INPUT
-1.0
uA
2, 3
VOL
Low Level Output
Voltage
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOL=12.0mA, VINH=3.0V, VINL=0.0V
1, 2 OUTPUT
.36
V
1
1, 2 OUTPUT
.50
V
2, 3
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOL=50.0uA, VINH=3.0V, VINL=0.0V
1, 2 OUTPUT
.10
V
1, 2,
3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOL=50.0uA, VINH=4.5V, VINL=0.0V
1, 2 OUTPUT
.10
V
1, 2,
3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOL=24.0mA, VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
.36
V
1
1, 2 OUTPUT
.50
V
2, 3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOL=50.0uA, VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
.10
V
1, 2,
3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOL=24.0mA, VINH=4.5V, VINL=0.0V
1, 2 OUTPUT
.36
V
1
1, 2 OUTPUT
.50
V
2, 3
VIOL
Dynamic Output
Current Low
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOL=50.0mA, VINH=5.5V, VINL=0.0V
1,
2, 5
OUTPUT
1.65
V
1, 2,
3
VOH
High Level Output
Voltage
VCC=3.0V, VIH=2.1V, VIL=0.9V,
IOH=-50.0uA, VINH=3.0V, VINL=0.0V
1, 2 OUTPUT
2.90
V
1, 2,
3
VCC=3.0V, VIH=2.1V, VIL=.90V,
IOH=-12.0mA, VINH=3.0V, VINL=0.0V
1, 2 OUTPUT
2.56
V
1
1, 2 OUTPUT
2.40
V
2, 3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOH=-24.0mA, VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
4.86
V
1
1, 2 OUTPUT
4.70
V
2, 3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOH=-24.0mA, VINH=4.5V, VINL=0.0V
1, 2 OUTPUT
3.86
V
1
1, 2 OUTPUT
3.70
V
2, 3
VCC=4.5V, VIH=3.15V, VIL=1.35V,
IOH=-50.0uA, VIHN=4.5V, VINL=0.0V
1, 2 OUTPUT
4.40
V
1, 2,
3
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOH=-50.0uA, VINH=5.5V, VINL=0.0V
1, 2 OUTPUT
5.40
V
1, 2,
3
VIOH
Dynamic Output
Current High
VCC=5.5V, VIH=3.85V, VIL=1.65V,
IOH=-50.0mA, VINH=5.5V, VINL=0.0V
1,
2, 5
OUTPUT
3.85
V
1, 2,
3
ICCH
Supply Current
Outputs HIGH
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
4


Similar Part No. - 54AC251DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC251D NSC-54AC251D Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

Similar Description - 54AC251DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
[Old version datasheet]   Dual 4-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com