Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV132 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV132
Description  Quad 2-input NAND Schmitt-trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV132 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV132 Datasheet HTML 2Page - NXP Semiconductors 74LV132 Datasheet HTML 3Page - NXP Semiconductors 74LV132 Datasheet HTML 4Page - NXP Semiconductors 74LV132 Datasheet HTML 5Page - NXP Semiconductors 74LV132 Datasheet HTML 6Page - NXP Semiconductors 74LV132 Datasheet HTML 7Page - NXP Semiconductors 74LV132 Datasheet HTML 8Page - NXP Semiconductors 74LV132 Datasheet HTML 9Page - NXP Semiconductors 74LV132 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV132
Quad 2-input NAND Schmitt-trigger
1998 Apr 28
6
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
65
2.0
18
34
43
tPHL/tPLH
Propagation delay
nA, nB, to nY
Figure 6
2.7
15
24
30
ns
nA, nB, to nY
3.0 to 3.6
122
20
25
4.5 to 5.5
9.02
14
17
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
3. Typical value measured at VCC = 5.0V.
TRANSFER CHARACTERISTIC WAVEFORMS
VH
VT–
VT+
VO
SV00218
Figure 1. Transfer characteristic.
VT+
VM
VT–
VI
VO
SV00220
Figure 2. Definition of VT+, VT– and VH; where VT+ and VT– are
between limits of 20% and 70%.
10
8
6
4
0
0
0.3
0.6
0.9
1.2
VIN (V)
ICC
(µA)
SV00222
2
Figure 3. Typical LV132 transfer characteristics; VCC = 1.2V.
100
80
60
40
0
0
0.4
0.8
1.2
1.6
VIN (V)
ICC
(µA)
SV00224
20
2.0
Figure 4. Typical LV132 transfer characteristics; VCC = 2.0V.


Similar Part No. - 74LV132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV132 NXP-74LV132 Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
74LV132 NXP-74LV132 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LV132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com