Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70810TF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V70810TF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70810TF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V70810TF Datasheet HTML 7Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 8Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 9Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 10Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 11Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 12Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 13Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 14Page - Integrated Device Technology IDT72V70810TF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V70810 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
TABLE 8 — FRAME INPUT OFFSET REGISTER (FOR) BITS
NOTE:
1. n denotes an input stream number from 0 to 7.
Name(1)
Description
OFn2, OFn1, OFn0
These three bits define how long the serial interface receiver takes to recognize and store bit 0 from the RX input pin: i.e., to
(Offset Bits 2, 1 & 0)
start a new frame. The input frame offset can be selected to +4.5 clock periods from the point where the external frame pulse
input signal is applied to the
F0i input of the device. See Figure 5.
DLEn
(Data Latch Edge)
ST-BUS® mode:
DLEn = 0, if clock rising edge is at the ¾ point of the bit cell.
DLEn = 1, if when clock falling edge is at the ¾ of the bit cell.
GCI mode:
DLEn = 0, if clock falling edge is at the ¾ point of the bit cell.
DLEn = 1, if when clock rising edge is at the ¾ of the bit cell.
Read/Write Address:
03H for FOR0 register,
04H for FOR1 register,
Reset Value:
0000H for all FOR registers.
15
14
13
12
11
10
9876543210
OF32
OF31
OF30
DLE3
OF22
OF21
OF20
DLE2
OF12
OF11
OF10
DLE1
OF02
OF01
OF00
DLE0
FOR0 Register
15
14
13
12
11
10
9876543210
OF72
OF71
OF70
DLE7
OF62
OF61
OF60
DLE6
OF52
OF51
OF50
DLE5
OF42
OF41
OF40
DLE4
FOR1 Register


Similar Part No. - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800PF IDT-IDT72V70800PF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800TF IDT-IDT72V70800TF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70810TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70210 IDT-IDT72V70210 Datasheet
119Kb / 19P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com