Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV14DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV14DB
Description  Hex inverting Schmitt-trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV14DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV14DB Datasheet HTML 3Page - NXP Semiconductors 74LV14DB Datasheet HTML 4Page - NXP Semiconductors 74LV14DB Datasheet HTML 5Page - NXP Semiconductors 74LV14DB Datasheet HTML 6Page - NXP Semiconductors 74LV14DB Datasheet HTML 7Page - NXP Semiconductors 74LV14DB Datasheet HTML 8Page - NXP Semiconductors 74LV14DB Datasheet HTML 9Page - NXP Semiconductors 74LV14DB Datasheet HTML 10Page - NXP Semiconductors 74LV14DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV14
Hex inverting Schmitt-trigger
1998 Apr 20
7
APPLICATION INFORMATION
The slow input rise and fall times cause additional power dissipation,
this can be calculated using the following formula:
Pad
= fi × (tr × ICCa + tf × ICC
a
)
× VCC.
Where:
Pad
= additional power dissipation (
mW)
fi
= input frequency (MHz)
tr
= input rise time (ns); 10% – 90%
tf
= input fall time (ns); 10% – 90%
I
CCa
= average additional supply current (
mA)
Average I
CCadiffers with positive or negative input transitions, as
shown in Figure 7.
SV00431
1.0
0
25
50
75
average
ICC
(
mA)
VCC(V)
100
1.5
2.0
2.5
3.0
negative-going
edge
positive-going
edge
Figure 7. Average ICC for LV Schmitt-trigger devices; linear
change of VI between 0.1 VCC to 0.9 VCC.
SV00433
R
C
Figure 8. Relaxation oscillator using the LV14.
Note to application information:
All values given are typical unless otherwise specified.
Note to Figure 8
f
+ 1
T
[
1
0.8
RC


Similar Part No. - 74LV14DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV14D NEXPERIA-74LV14D Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
More results

Similar Description - 74LV14DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com