Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-3268 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDMP-3268
Description  3.2 Gbit/sec 68x68 Crosspoint Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-3268 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDMP-3268 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-3268 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
BOOST
3 dB
GAINDC
FREQUENCY
Fpeak F3dB
HIGH SPEED INPUT
AC TRANSFER CHARACTERISTIC
TYPICAL PERFORMANCE OF HIGH SPEED
INPUT CELL WITH DIFFERENT EQUALIZATION SETTINGS
EQUALIZATION
SETTING
GAINDC
(dB)
BOOST
(dB)
Fpeak
(GHz)
F3dB
(GHz)
000
001
010
011
100
101
110
111
16.0
11.4
12.9
12.9
12.9
12.9
10.5
9.8
0
3.7
4.8
5.4
5.8
6.1
6.5
7.3
N/A
3.4
2.7
2.3
2.0
1.8
1.8
1.8
7.9
10.7
10.2
10.0
9.8
9.8
10.6
11.2
THIS DATA IS FOR ILLUSTRATIVE PURPOSES ONLY.
High-Speed Inputs and Outputs
Figure 2 shows simplified circuit
diagrams for the HDMP-3268’s
high speed input and output cells.
A typical connection between the
output and input cells is also
shown. The output cell is
designed to drive 50
Ω transmis-
sion lines and to be terminated at
the destination end in 50
Ω.
When the output is intended to
connect to the input of another
HDMP-3268 as in a CLOS
architecture, no AC coupling
capacitors are required. The
output amplitude of the HDMP-
3268 is programmable in three
levels from approximately
500 mV to 1.0 V peak-to-peak
differential. In addition, the
output driver and its associated
multiplexer can be turned off to
save power if an output is not
used.
The HDMP-3268 high speed
input cell provides on-chip
termination resistors of 50
from each input to an on-chip
bias voltage generator which sets
the input common mode voltage
at approximately 0.7 V below the
positive supply. When the input is
intended to be DC coupled, as in
the case of the input being
connected to the output of
another HDMP-3268, the
common mode bias voltage is
disconnected from the termina-
tion resistors, and the two 50
resistors form a 100
differential termination. DC
coupling is the default setting for
the HDMP-3268. The input cell
has levels of input equalization
which can be programmed
through the digital control
interface. The AC termination
voltage also can be enabled
through a control register.
Unused input cells can be
disabled to save power.
Figure 3 shows a typical transfer
characteristic of the high-speed
input for the different input
equalization settings. The correct
equalization setting depends
upon the actual PCB environment
in which the HDMP-3268 resides.
The recommended procedure to
set the input equalization setting
is to characterize the HDMP-3268
on the PCB and to adjust the
equalization setting to give
minimum jitter at the output of
the HDMP-3268. The correct
equalization settings should be
stored and loaded into the
HDMP-3268 upon power-up. The
AC characteristics of the high
speed input, high speed output,
and multiplexer block are
specified in Table 8, AC Electrical
Specifications.
Digital Interface
The HDMP-3268 has a parallel bi-
directional digital interface for
configuring the switch matrix and
for controlling the various
functions such as input
equalization, output amplitude,
and power on/off. All of the
registers can be read back to
check valid programming. There
are 204 7-bit registers organized
into three sets of 68 registers
each. One set is used to control
power on/off, equalization, etc.
The other two sets are used to
configure the switch matrix. The
individual registers are accessed
using an address/data scheme.
The particular register address is
placed on the CH[6:0] lines, and
the register data is placed on the
DATA[6:0] lines, either by the
controller in write mode (RW=0),
or by the HDMP-3268 in read
mode (RW=1). Data is latched
into the internal registers on the
rising edge of WSTB. The control
registers are accessed when the
CNTL signal is high. Otherwise,
the address registers are
accessed. Figure 4 and Table 1
show the register read and write
timing diagram and specifica-
tions. See the switch matrix
configuration section for more
details. A chip select signal allows
Figure 3. Typical high-speed input equalization curve.


Similar Part No. - HDMP-3268

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
   Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
More results

Similar Description - HDMP-3268

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC837UG VITESSE-VSC837UG Datasheet
340Kb / 26P
   3.2Gb/s 68x68 Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
   1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8017 TRIQUINT-TQ8017 Datasheet
178Kb / 8P
   1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com