Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV154D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV154D
Description  4-to-16 line decoder/demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV154D Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV154D Datasheet HTML 1Page - NXP Semiconductors 74LV154D Datasheet HTML 2Page - NXP Semiconductors 74LV154D Datasheet HTML 3Page - NXP Semiconductors 74LV154D Datasheet HTML 4Page - NXP Semiconductors 74LV154D Datasheet HTML 5Page - NXP Semiconductors 74LV154D Datasheet HTML 6Page - NXP Semiconductors 74LV154D Datasheet HTML 7Page - NXP Semiconductors 74LV154D Datasheet HTML 8Page - NXP Semiconductors 74LV154D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV154
4-to-16 line decoder/demultiplexer
1998 Apr 28
5
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH l
l I
t
VCC = 1.2 V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0 V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
LOW l
l I
t
VCC = 1.2 V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0 V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
VCC = 1.2 V; VI = VIH or VIL; –IO = 100µA
1.2
VO
HIGH level output
VCC = 2.0 V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0 V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage;
STANDARD
outputs
VCC = 3.0 V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VCC = 1.2 V; VI = VIH or VIL; IO = 100µA
0
VO
LOW level output
VCC = 2.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
STANDARD
outputs
VCC = 3.0 V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
µA


Similar Part No. - 74LV154D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV153 PHILIPS-74LV153 Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153D PHILIPS-74LV153D Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153DB PHILIPS-74LV153DB Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153N PHILIPS-74LV153N Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153PW PHILIPS-74LV153PW Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
More results

Similar Description - 74LV154D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com