Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV163N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV163N
Description  Presettable synchronous 4-bit binary counter; synchronous reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV163N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV163N Datasheet HTML 4Page - NXP Semiconductors 74LV163N Datasheet HTML 5Page - NXP Semiconductors 74LV163N Datasheet HTML 6Page - NXP Semiconductors 74LV163N Datasheet HTML 7Page - NXP Semiconductors 74LV163N Datasheet HTML 8Page - NXP Semiconductors 74LV163N Datasheet HTML 9Page - NXP Semiconductors 74LV163N Datasheet HTML 10Page - NXP Semiconductors 74LV163N Datasheet HTML 11Page - NXP Semiconductors 74LV163N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LV163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 Apr 30
8
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
95
tPHL/tPLH
Propagation delay
Figures 1
2.0
32
61
75
ns
tPHL/tPLH
gy
CP to Qn
Figures 1
2.7
24
45
55
ns
3.0 to 3.6
182
36
44
1.2
115
t
/t
Propagation delay
Figures 1
2.0
39
75
90
ns
tPHL/tPLH
gy
CP to TC
Figures 1
2.7
29
55
66
ns
3.0 to 3.6
222
44
53
1.2
55
t
/t
Propagation delay
Figures 2
2.0
19
36
44
ns
tPHL/tPLH
gy
CET to TC
Figures 2
2.7
14
26
33
ns
3.0 to 3.6
102
21
26
Cl
k
l
idth
2.0
34
10
41
tw
Clock pulse width
HIGH or LOW
Figures 1
2.7
25
8
30
ns
HIGH or LOW
3.0 to 3.6
20
62
24
1.2
25
t
Set-up time
Figures 3 4
2.0
22
9
26
ns
tsu
MR, Dn to CP
Figures 3, 4
2.7
16
6
19
ns
3.0 to 3.6
13
52
15
1.2
30
t
Set-up time
Figures 3
2.0
22
10
26
ns
tsu
PE to CP
Figures 3
2.7
16
8
19
ns
3.0 to 3.6
13
62
15
1.2
30
t
Set-up time
Figures 5
2.0
22
10
26
ns
tsu
CEP, CET to CP
Figures 5
2.7
16
8
19
ns
3.0 to 3.6
13
62
15
1.2
–35
th
Hold time
D
PE CEP CET
Figures 3 4 5
2.0
0
–12
0
ns
th
Dn, PE, CEP, CET,
MR to CP
Figures 3, 4, 5
2.7
0
–9
0
ns
3.0 to 3.6
0
–7
0
Mi
lk
2.0
14
40
12
fmax
Maximum clock
pulse frequency
Figures 1
2.7
19
58
16
MHz
ulse frequency
3.0 to 3.6
24
70
20
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.


Similar Part No. - 74LV163N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV163A TI-74LV163A Datasheet
498Kb / 20P
[Old version datasheet]   4BIT SYNCHRONOUS BINARY
More results

Similar Description - 74LV163N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com