Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4354 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4354
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4354 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4354 Datasheet HTML 3Page - Texas Instruments OPA4354 Datasheet HTML 4Page - Texas Instruments OPA4354 Datasheet HTML 5Page - Texas Instruments OPA4354 Datasheet HTML 6Page - Texas Instruments OPA4354 Datasheet HTML 7Page - Texas Instruments OPA4354 Datasheet HTML 8Page - Texas Instruments OPA4354 Datasheet HTML 9Page - Texas Instruments OPA4354 Datasheet HTML 10Page - Texas Instruments OPA4354 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25
°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
10
1
−50
−60
−70
−80
−90
−100
V
O =2VPP
f=1MHz
R
L = 200Ω
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
10
1
−50
−60
−70
−80
−90
−100
V
O =2VPP
f= 1MHz
R
L =200Ω
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
10M
1M
100k
−50
−60
−70
−80
−90
−100
G= +1
V
O =2VPP
R
L = 200Ω
V
CM =1.5V
3rd−Harmonic
2nd−Harmonic
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
1k
100
−50
−60
−70
−80
−90
−100
G= +1
V
O =2VPP
f=1MHz
V
CM =1.5V
3rd−Harmonic
2nd−Harmonic
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise
FREQUENCY RESPONSE FOR VARIOUS R
L
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
−3
−6
−9
−12
−15
R
L =10kΩ
R
L =100Ω
R
L =1kΩ
R
L =50Ω
G= +1
R
F =0Ω
V
O =0.1VPP
C
L =0pF


Similar Part No. - OPA4354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4354 TI1-OPA4354 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA4354 TI1-OPA4354 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA4354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com