Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79925DDCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79925DDCT
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79925DDCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79925DDCT Datasheet HTML 1Page - Texas Instruments TPS79925DDCT Datasheet HTML 2Page - Texas Instruments TPS79925DDCT Datasheet HTML 3Page - Texas Instruments TPS79925DDCT Datasheet HTML 4Page - Texas Instruments TPS79925DDCT Datasheet HTML 5Page - Texas Instruments TPS79925DDCT Datasheet HTML 6Page - Texas Instruments TPS79925DDCT Datasheet HTML 7Page - Texas Instruments TPS79925DDCT Datasheet HTML 8Page - Texas Instruments TPS79925DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAMS
Thermal
Shutdown
UVLO
Current
Limit
2
µA
Overshoot
Detect
500k
Quickstart
1.193V
Bandgap
IN
EN
NR
OUT
GND
400
Thermal
Shutdown
UVLO
Current
Limit
3.3M
Overshoot
Detect
500k
1.193V
Bandgap
IN
EN
FB
OUT
GND
400
PIN CONFIGURATIONS
TPS799xxDDC
TSOT23-5
(TOPVIEW)
OUT
NR
IN
GND
EN
1
2
3
5
4
TPS799xxYZU
WCSP
(TOPVIEW)
C3
C1
B2
A3
A1
OUT
EN
IN
GND
NR
GND
TPS79901YZU
WCSP
(TOPVIEW)
OUT
EN
IN
FB
C3
C1
B2
A3
A1
TPS79901DDC
TSOT23-5
(TOPVIEW)
OUT
FB
IN
GND
EN
1
2
3
5
4
TPS799xxDRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
NR
GND
1
2
3
GND
TPS79901DRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
FB
GND
1
2
3
GND
TPS799xx
SBVS056G – JANUARY 2005 – REVISED AUGUST 2006
Figure 1. Fixed Voltage Versions
Figure 2. Adjustable Voltage Versions
Table 1. PIN DESCRIPTIONS
TPS799xx
NAME
DDC
YZU
DRV
DESCRIPTION
IN
1
C3
6
Input supply.
GND
2
B2
3, Pad
Ground. The pad must be tied to GND.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator
EN
3
A1
4
into shutdown mode. EN can be connected to IN if not used.
Fixed voltage versions only; connecting an external capacitor to this pin bypasses noise
NR
4
A3
2
generated by the internal bandgap. This allows output noise to be reduced to very low levels.
Adjustable version only; this is the input to the control loop error amplifier, and is used to set
FB
4
A3
2
the output voltage of the device.
Output of the regulator. A small capacitor (total typical capacitance
≥ 2.0µF ceramic) is
OUT
5
C1
1
needed from this pin to ground to assure stability.
N/C
5
Not internally connected. This pin must either be left open, or tied to GND.
4
Submit Documentation Feedback


Similar Part No. - TPS79925DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79925DDCT TI-TPS79925DDCT Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79925DDCT TI-TPS79925DDCT Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79925DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com