Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV163PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV163PW
Description  Presettable synchronous 4-bit binary counter; synchronous reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV163PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV163PW Datasheet HTML 2Page - NXP Semiconductors 74LV163PW Datasheet HTML 3Page - NXP Semiconductors 74LV163PW Datasheet HTML 4Page - NXP Semiconductors 74LV163PW Datasheet HTML 5Page - NXP Semiconductors 74LV163PW Datasheet HTML 6Page - NXP Semiconductors 74LV163PW Datasheet HTML 7Page - NXP Semiconductors 74LV163PW Datasheet HTML 8Page - NXP Semiconductors 74LV163PW Datasheet HTML 9Page - NXP Semiconductors 74LV163PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74LV163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 Apr 30
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
3.6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
500
200
100
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 3.6V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74LV163PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV163A TI-74LV163A Datasheet
498Kb / 20P
[Old version datasheet]   4BIT SYNCHRONOUS BINARY
More results

Similar Description - 74LV163PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com