Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV165D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV165D
Description  8-bit parallel-in/serial-out shift register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV165D Datasheet HTML 4Page - NXP Semiconductors 74LV165D Datasheet HTML 5Page - NXP Semiconductors 74LV165D Datasheet HTML 6Page - NXP Semiconductors 74LV165D Datasheet HTML 7Page - NXP Semiconductors 74LV165D Datasheet HTML 8Page - NXP Semiconductors 74LV165D Datasheet HTML 9Page - NXP Semiconductors 74LV165D Datasheet HTML 10Page - NXP Semiconductors 74LV165D Datasheet HTML 11Page - NXP Semiconductors 74LV165D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LV165
8-bit parallel-in/serial-out shift register
1998 May 07
8
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V.
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00592
D7 INPUT
VM
VM
VM
Q7 OUTPUT
Q7 OUTPUT
VOL
VOL
GND
VOH
VOH
VI
tPLH
tPHL
tPHL
tPLH
Figure 3. Data input (Dn) to output (Q7 or Q7) propagation
delays when PL is LOW.
SV00595
VM
VM
CP, CE
INPUT
DS INPUT
CP, CE
INPUT
GND
GND
GND
VI
VI
VI
stable
VM
th
tsu (H)
tW
tsu (L)
tsu
th
th
see note
CE may change only from HIGH-to-LOW while CP is LOW. The shaded
areas indicate when the input is permitted to change for predictable output
performance.
Figure 4. Set-up and hold times from the serial data input (DS) to
the clock (CP) and the clock enable (CE) inputs, from the clock
enable input (CE) to the clock input (CP) and from the clock input
(CP) to the clock enable input (CE).
Note to Figure 4
CE may change only from HIGH-to-LOW while CP is LOW. The
shaded areas indicate when the input is permitted to change for
predictable output performance.
SV00593
VM
VM
Dn INPUT
PL INPUT
GND
GND
VI
VI
tsu
tsu
tH
tH
Figure 5. Set-up and hold times from the data inputs (Dn)
to the parallel load input (PL).
TEST CIRCUIT
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
RL= 1k
Vcc
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
tPLH/tPHL
≥ 4.5 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance
50pF
RT = Termination resistance should be equal to ZOUT of pulse generators.
SV00902
Figure 6. Load circuitry for switching times.


Similar Part No. - 74LV165D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV165D NEXPERIA-74LV165D Datasheet
278Kb / 16P
   8-bit parallel-in/serial-out shift register
Rev. 9 - 5 September 2022
74LV165D-Q100 NEXPERIA-74LV165D-Q100 Datasheet
777Kb / 19P
   8-bit parallel-in/serial-out shift register
More results

Similar Description - 74LV165D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com