Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV20
Description  Dual 4-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV20 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV20 Datasheet HTML 1Page - NXP Semiconductors 74LV20 Datasheet HTML 2Page - NXP Semiconductors 74LV20 Datasheet HTML 3Page - NXP Semiconductors 74LV20 Datasheet HTML 4Page - NXP Semiconductors 74LV20 Datasheet HTML 5Page - NXP Semiconductors 74LV20 Datasheet HTML 6Page - NXP Semiconductors 74LV20 Datasheet HTML 7Page - NXP Semiconductors 74LV20 Datasheet HTML 8Page - NXP Semiconductors 74LV20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV20
Dual 4-input NAND gate
1998 Apr 20
5
DC CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH level Input
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6V
2.0
2.0
LOW level Input
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6V
0.8
0.8
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
VOH
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage;
STANDARD
outputs
VCC = 3.0V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
VOL
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
STANDARD
outputs
VCC = 3.0V;VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
II
Input leakage
current
VCC = 3.6V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; SSI
VCC = 3.6V; VI = VCC or GND; IO = 0
20.0
40
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1
All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
50
tPHL/tPLH
Propagation delay
Figures 1 2
2.0
17
32
39
ns
tPHL/tPLH
gy
nA, nB, nC, nD to nY
Figures 1, 2
2.7
13
24
29
ns
3.0 to 3.6
102
19
23
NOTE:
1
Unless otherwise stated, all typical values are at Tamb = 25°C.
2
Typical value measured at VCC = 3.3V.


Similar Part No. - 74LV20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV21A TI-74LV21A Datasheet
325Kb / 13P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240D PHILIPS-74LV240D Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240DB PHILIPS-74LV240DB Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240N PHILIPS-74LV240N Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
More results

Similar Description - 74LV20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com