Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV174D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV174D
Description  Hex D-type flip-flop with reset; positive-edge trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV174D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV174D Datasheet HTML 3Page - NXP Semiconductors 74LV174D Datasheet HTML 4Page - NXP Semiconductors 74LV174D Datasheet HTML 5Page - NXP Semiconductors 74LV174D Datasheet HTML 6Page - NXP Semiconductors 74LV174D Datasheet HTML 7Page - NXP Semiconductors 74LV174D Datasheet HTML 8Page - NXP Semiconductors 74LV174D Datasheet HTML 9Page - NXP Semiconductors 74LV174D Datasheet HTML 10Page - NXP Semiconductors 74LV174D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LV174
Hex D-type flip-flop with reset; positive edge-trigger
1998 May 20
7
AC CHARACTERISTICS (Continued)
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
–10
Hold time
2.0
5
–4
5
th
Hold time
Dn to CP
Figure 3
2.7
5
–2
5
ns
Dn to CP
3.0 to 3.6
5
–22
5
4.5 to 5.5
5
–13
5
2.0
14
40
12
f
Maximum clock
Figure 1
2.7
19
58
16
MHz
fmax
pulse frequency
Figure 1
3.0 to 3.6
24
702
20
MHz
4.5 to 5.5
36
1003
30
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
3. Typical value measured at VCC = 5.0V.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V v 3.6V
VM = 0.5V * VCC at VCC t 2.7V and w 4.5V
VOL and VOH are the typical output voltage drop that occur with the
output load.
tPLH
tPHL
1/fmax
VOH
Qn OUTPUT
VI
CP INPUT
GND
VOL
VM
VM
tw
SV00351
Figure 1. The clock (CP) to output (Qn) propagation delays, the
clock pulse width, and the maximum clock pulse frequency.
Vi
VOL
VM
tw
trem
tPHL
VM
Qn OUTPUT
CP INPUT
GND
VOH
MR INPUT
Vi
GND
SV00352
VM
Figure 2. The master reset (MR) pulse width, the master reset
to output (Qn) propagation delay and the master reset to clock
removal time.


Similar Part No. - 74LV174D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - 74LV174D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com