Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4101 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFDU4101
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4101 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFDU4101 Datasheet HTML 4Page - Vishay Siliconix TFDU4101 Datasheet HTML 5Page - Vishay Siliconix TFDU4101 Datasheet HTML 6Page - Vishay Siliconix TFDU4101 Datasheet HTML 7Page - Vishay Siliconix TFDU4101 Datasheet HTML 8Page - Vishay Siliconix TFDU4101 Datasheet HTML 9Page - Vishay Siliconix TFDU4101 Datasheet HTML 10Page - Vishay Siliconix TFDU4101 Datasheet HTML 11Page - Vishay Siliconix TFDU4101 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.vishay.com
178
Document Number 81288
Rev. 1.0, 11-Jul-06
TFDU4101
Vishay Semiconductors
Figure 2 shows an example of a typical application
with a separate supply voltage VS and using the
transceiver with the IRED Anode connected to the
unregulated battery Vbatt. This method reduces the
peak load of the regulated power supply and saves
therefore costs. Alternatively all supplies can also be
tied to only one voltage source. R1 and C1 are not
used in this case and are depending on the circuit
design in most cases not necessary.
In figure 2 an option is shown to operate the transmit-
ter at two different power levels to switch for long
range to low power mode for e.g. saving power for
IrDA application but use the full range specification for
Remote Control. The additional components are
marked in the figure.
For operating at RS232 ports TOIM4232 is recom-
mended as ENDEC.
I/
O and Software
In the description, already different I/Os are men-
tioned. Different combinations are tested and the
function verified with the special drivers available
from the I/O suppliers. In special cases refer to the
I/O manual, the Vishay application notes, or contact
directly Vishay Sales, Marketing or Application.
Current Derating Diagram
Figure 3 shows the maximum operating temperature
when the device is operated without external current
limiting resistor.
Table 2.
Truth table
Figure 2. Typical application circuit.
Grey: Optional for Hi/Low switching.
R2
C2
IRED Anode (1)
IRED Cathode (2)
TXD (3)
RXD (4)
SD (5)
Vcc1 (6)
GND (8)
Vs = 2.8 V
V
dd
Vbatt 3 V
IRTX
IRRX
IR MODE
R1
Hi/Low
C1
20038
Figure 3. Current Derating Diagram
50
55
60
65
70
75
80
85
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Operating Voltage [V] at duty cycle 20 %
18097
Inputs
Outputs
Remark
SD
TXD
Optical input Irradiance mW/m2
RXD
Transmitter
Operation
high
> 1 ms
x
x
weakly pulled
(500 k
Ω) to V
CC1
0Shutdown
low
high < 50 µs
x
low active
Ie
Transmitting
high > 50 µs
x
low active
0
Protection is active
low
< 4
high inactive
0
Ignoring low signals below
the IrDA defined threshold for
noise immunity
low
> Min. irradiance Ee
< Max. irradiance Ee
low (active)
0
Response to an IrDA
compliant optical input signal
low
> Max. irradiance Ee
undefined
0
Overload conditions can
cause unexpected outputs


Similar Part No. - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
TFDU4101 VISHAY-TFDU4101 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4101 VISHAY-TFDU4101 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
More results

Similar Description - TFDU4101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com