Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV174DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV174DB
Description  Hex D-type flip-flop with reset; positive-edge trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV174DB Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV174DB Datasheet HTML 1Page - NXP Semiconductors 74LV174DB Datasheet HTML 2Page - NXP Semiconductors 74LV174DB Datasheet HTML 3Page - NXP Semiconductors 74LV174DB Datasheet HTML 4Page - NXP Semiconductors 74LV174DB Datasheet HTML 5Page - NXP Semiconductors 74LV174DB Datasheet HTML 6Page - NXP Semiconductors 74LV174DB Datasheet HTML 7Page - NXP Semiconductors 74LV174DB Datasheet HTML 8Page - NXP Semiconductors 74LV174DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
74LV174
Hex D-type flip-flop with reset; positive edge-trigger
1998 May 20
4
FUNCTIONAL DIAGRAM
SV00350
3
4
67
5
2
11
10
13
12
14
15
1
9
D0
D1
D2
D3
D4
D5
CP
MR
Q0
Q1
Q2
Q3
Q4
Q5
FF1
to
FF6
FUNCTION TABLE
OPERATING MODES
INPUTS
OUTPUTS
OPERATING MODES
MR
CP
Dn
Q0
Reset (clear)
L
X
X
L
Load ‘1’
H
h
H
Load ‘0’
H
l
L
H
= HIGH voltage level
h
= HIGH voltage level one set-up time prior to the
LOW-to-HIGH CP transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the
LOW-to-HIGH CP transition
q
= Lower case letter indicates the state of referenced input
one set-up time prior to the LOW-to-HIGH CP transition
= LOW–to–HIGH clock transition
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free
air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTES:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Similar Part No. - 74LV174DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - 74LV174DB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com