Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV174DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV174DB
Description  Hex D-type flip-flop with reset; positive-edge trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV174DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV174DB Datasheet HTML 2Page - NXP Semiconductors 74LV174DB Datasheet HTML 3Page - NXP Semiconductors 74LV174DB Datasheet HTML 4Page - NXP Semiconductors 74LV174DB Datasheet HTML 5Page - NXP Semiconductors 74LV174DB Datasheet HTML 6Page - NXP Semiconductors 74LV174DB Datasheet HTML 7Page - NXP Semiconductors 74LV174DB Datasheet HTML 8Page - NXP Semiconductors 74LV174DB Datasheet HTML 9Page - NXP Semiconductors 74LV174DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74LV174
Hex D-type flip-flop with reset; positive edge-trigger
1998 May 20
6
DC CHARACTERISTICS FOR THE LV FAMILY (Continued)
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
100
Propagation delay
2.0
34
43
53
tPHL/tPLH
Propagation delay
CP to Qn
Figure 1
2.7
25
31
39
ns
CP to Qn
3.0 to 3.6
192
25
31
4.5 to 5.5
133
21
26
1.2
80
Propagation delay
2.0
27
43
53
tPHL
Propagation delay
MR to Qn
Figure 2
2.7
20
31
39
ns
MR to Qn
3.0 to 3.6
152
25
31
4.5 to 5.5
113
21
26
2.0
34
10
41
tW
Clock pulse width
Figure 1
2.7
25
8
30
ns
tW
HIGH to LOW
Figure 1
3.0 to 3.6
20
62
24
ns
4.5 to 5.5
13
43
16
2.0
34
9
41
tW
Master reset pulse
Figure 2
2.7
25
6
30
ns
tW
width LOW
Figure 2
3.0 to 3.6
20
5
24
ns
4.5 to 5.5
13
42
16
1.2
–20
Removal time
2.0
5
–7
5
trem
Removal time
MR to CP
Figure 2
2.7
5
–5
5
ns
MR to CP
3.0 to 3.6
5
–42
5
4.5 to 5.5
5
–33
5
1.2
10
Set up time
2.0
22
4
26
tsu
Set-up time
Dn to CP
Figure 3
2.7
16
3
19
ns
Dn to CP
3.0 to 3.6
13
22
15
4.5 to 5.5
9
13
10


Similar Part No. - 74LV174DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - 74LV174DB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com