Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP5-24S3V3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SHP5-24S3V3
Description  Single and dual output 3 to 5 Watt Wide input DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SHP5-24S3V3 Datasheet(HTML) 1 Page - Artesyn Technologies

  SHP5-24S3V3 Datasheet HTML 1Page - Artesyn Technologies SHP5-24S3V3 Datasheet HTML 2Page - Artesyn Technologies SHP5-24S3V3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHP5 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 3 to 5 Watts in DIL package
• 32 models including 2.1V and 3.3V outputs
• Wide input ranges 4.5-9V, 9-18V, 18-36V and 36-72V
• EN55022 conducted emissions level B
• Operating temperature range -25°C to +50°C
• Input voltage range to ETS300-132-2
The SHP5 Series of DC/DC converters is designed to offer the optimum cost/benefit
power solution for a wide variety of applications including public and private
telecommunications, industrial systems and process and test equipment. The series
consists of 32 models in a DIL package with input voltages of 4.5-9VDC, 9-18VDC, 18-
36VDC and 36-72VDC. The SHP5 offers standard 5V, 12V and 15V in single and dual
outputs. 2.1V and 3.3V single outputs are also available suitable for low voltage logic
applications.
Optional filtering to EN55022 level B conducted emissions and low output
ripple minimize design-in time, cost and eliminate the need for external components.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage accuracy
±2.0%
Line regulation
LL to HL, all outputs
±0.1%
Load regulation
Min. load to full load
±0.3%
Cross regulation
Asymmetrical load
4.0% max.
25% / 100% FL
Minimum load
2.1V, 3.3V, 5V
50mA max.
Single 12V, 15V
80mA max.
Dual
80mA max.
Overshoot
At start-up
3.0% max.
Ripple and noise
20MHz bandwidth
1.0% pk-pk, max.
75mV rms
Transient response
25% load step
±10% max. dev.,
1ms recovery
to within ±1.0%
Temperature coefficient
±0.02%/°C
Short circuit protection
1 minute
Automatic recovery
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal, FL
4.5 to 9VDC
12VDC nominal, FL
9 to 18VDC
24VDC nominal, FL
18 to 36VDC
48VDC nominal, FL
36 to 72VDC
Input filter
Suffix ‘-F’
Common mode
See Note 1
and Pi type
Input current
See table
Input reflected ripple
Single output
20mA
Dual and triple outputs
20mA
Start-up time
5ms
EMC CHARACTERISTICS
Conducted emissions
EN55022, EN55011, FCC
Level B
Suffix ‘-F’ versions,
See Note 1
Radiated emissions
EN55022
Level B
GENERAL SPECIFICATIONS
Efficiency
78% typ.
Isolation voltage
Input/output
500VDC
Isolation resistance
Input/output
108
Isolation capacitance
Input/output
1nF
Switching frequency
Fixed
200 to 250kHz
Approvals and
Safety
VDE0805, EN60950
standards (pending)
IEC950, UL1950
CSA C22.2 No. 950
Case material
Black coated, metal case
Material flammability
UL94V-0
Weight
16g (0.56oz)
MTBF
MIL-HDBK-217F
250,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25°C to +50°C
(See derating curve)
Extended temp.,
-40°C to +50°C
option, See Note 3
Non-operating amb.
-25°C to +95°C
Case
+95°C max.
Derating
See derating curve
Cooling
Free air convection
cooled
Relative humidity
Non-condensing
30% to 95%
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)


Similar Part No. - SHP5-24S3V3

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SHP TELEDYNE-SHP Datasheet
352Kb / 7P
   Phase-Angle Controller Solid-State Relays
logo
NEC
SHP-012 NEC-SHP-012 Datasheet
2Mb / 104P
   Power Inductors
SHP-013 NEC-SHP-013 Datasheet
2Mb / 104P
   Power Inductors
SHP-022 NEC-SHP-022 Datasheet
2Mb / 104P
   Power Inductors
SHP-023 NEC-SHP-023 Datasheet
2Mb / 104P
   Power Inductors
More results

Similar Description - SHP5-24S3V3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
   Single, dual and triple output 10 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
   Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
List of Unclassifed Man...
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
   5 WATT WIDE INPUT DC TO DC CONVERTERS
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
   5 Watt Wide Input DC to DC Converters
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
   Single, dual and triple output 15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com