Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL40C2-00SADJ-VJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL40C2-00SADJ-VJ
Description  4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL40C2-00SADJ-VJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL40C2-00SADJ-VJ Datasheet HTML 1Page - Artesyn Technologies SIL40C2-00SADJ-VJ Datasheet HTML 2Page - Artesyn Technologies SIL40C2-00SADJ-VJ Datasheet HTML 3Page - Artesyn Technologies SIL40C2-00SADJ-VJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIL40C2 Series
4.5-13.8 Vin Single Output
File Name: sil40c2.pdf Rev: 15 Mar 2006
March 15, 2006
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (8, 9)
(MAX.)
(MIN.)
(MAX.)
200 W
4.5-13.8 Vdc
N/A
0.6-5 Vdc
0 A
40 A
94%
±0.2%
±0.5% SIL40C2-00SADJ-VJ
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NEWProduct
DC-DC CONVERTERS
C Class Non-isolated
2
Part Number System with Options
Product Family
SIL = Single In Line
SMT = Surface Mount
Rated Output Current
06 = 6 A
15 = 15 A
20 = 20 A
30 = 30 A
40 = 40 A
Input Voltage
00 = 4.5-13.8 V
Performance
C = Cost Optimized
The ultra-wide output voltage trim range offers major advantages to users
who select the SIL40C2. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can
be trimmed in a range of 0.6-5 V. When the SIL40C2 converter leaves the
factory the ouput has been adjusted to the default voltage of 0.6 V.
Output Voltage Adjustment of the SIL40C2 Series
Mounting Option
V = Vertical
H = Horizontal
Output Voltage
Single Adjustable Output
Generation
Blank = Standard Part
2 = Increased Current Density
S I L 4 0 C 2 - 0 0 S A D J - V J
RoHS Compliance (8)
J = Pb-free (RoHS 6/6 compliant)
Notes
1 Measured as per recommended system capacitance.
2 di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.75 lo to
full lo and full lo to 0.75.
3 External input fusing is recommended.
4 Additional part numbers may be available with different output
voltages.
5 Airflow dependent, 100 LFM minimum required.
6 No capacitor needed for ripple current capability.
7 No capacitor needed for stability.
8 TSE RoHS 5/6 (non PB-free) compliant versions are also available
on special request, please contact your local sales representative
for details.
9 NOTICE: Some models may not support all options. Please
contact your local Artesyn representative or use the on-line model
number search tool at http://www.artesyn.com/powergroup/
products.htm to find a suitable alternative.
7,8
10,11
6
9
5
1,2,3
4
SIL40C2
Enable
Vin
GND
Rtrim
(for trim
down)
Cout
R
L
O
A
D
Power Good
Vout
+Rsense
Cin
Figure 1: Standard Application Drawing


Similar Part No. - SIL40C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL40C2-00SADJ-VJ EMERSON-NETWORKPOWER-SIL40C2-00SADJ-VJ Datasheet
313Kb / 5P
   4.5-13.8 Vin Single C-Class Non-Isolated
logo
Artesyn Technologies
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
633Kb / 4P
   C-Class Non-Isolated
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ_15 Datasheet
633Kb / 4P
   C-Class Non-Isolated
More results

Similar Description - SIL40C2-00SADJ-VJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL40C2 EMERSON-NETWORKPOWER-SIL40C2 Datasheet
313Kb / 5P
   4.5-13.8 Vin Single C-Class Non-Isolated
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com