Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1026 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C1026
Description  5V / 3.3V 64KX16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C1026 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 3 of 10
Key:
H = High, L = Low, X = don’t care.
Recommended operating conditions
V
IL min = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Shaded areas indicate preliminary information.
Capacitance (f = 1MHz, Ta = 25 °C, VCC = NOMINAL)
2
LL
X
H
L
High Z
DIN
Write I/O8–I/O15 (ICC)
L
L
H
X
H
X
X
H
X
H
High Z
High Z
Output disable (ICC)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Supply voltage
AS7C1026
VCC
4.5
5.0
5.5
V
AS7C31026 (–10)
VCC
3.15
3.3
3.6
V
AS7C31026 (12/15/20)
VCC
3.0
3.3
3.6
V
Input voltage
AS7C1026
VIH
2.2
VCC + 0.5
V
AS7C31026
VIH
2.0
VCC + 0.5
V
VIL
–0.5
–0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
industrial
TA
–40
85
°C
Parameter
Sym
Test conditions
Device
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Input leakage
current
| I
LI |
VCC = Max
VIN = GND to VCC
–1
1
1
µA
Output leakage
current
| I
LO |
VCC = Max
CE = VIH,
VOUT = GND to VCC
–1
1
1
µA
Operating power
supply current
ICC
VCC = Max, CE ≤ VIL
outputs open,
f = fMax = 1/tRC
AS7C1026
160
150
140
mA
AS7C31026
110
100
90
mA
Standby
power supply
current
ISB
VCC = Max, CE ≤ VIL,
outputs open,
f = fMax = 1/tRC
AS7C1026
50
50
50
mA
AS7C31026
35
35
35
ISB1
VCC = Max, CE ≥ VCC–0.2V,
VIN ≤ GND + 0.2V or
VIN ≥ VCC–0.2V, f = 0
AS7C1026
10
10
15
mA
AS7C31026
10
10
15
Output
voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
2.4
2.4
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF
CE
WE
OE
LB
UB
I/O0–I/O7
I/O8–I/O15
Mode


Similar Part No. - AS7C1026

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12BC ALSC-AS7C1026-12BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12JC ALSC-AS7C1026-12JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12JI ALSC-AS7C1026-12JI Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C1026

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com