Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B38C43M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B38C43M
Description  BiCMOS Current Mode PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B38C43M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B38C43M Datasheet HTML 1Page - List of Unclassifed Manufacturers B38C43M Datasheet HTML 2Page - List of Unclassifed Manufacturers B38C43M Datasheet HTML 3Page - List of Unclassifed Manufacturers B38C43M Datasheet HTML 4Page - List of Unclassifed Manufacturers B38C43M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B38C4X
Startup & Operating Voltage Selection Guide
UVLO Thresholds
Duty Cycle
Star-Up at 8.4V
Operating Min= 7.6V
Star-Up at 14.5V
Operating Min= 9.0V
0% to 96%
B38C43
B38C42
0% to 50%
B38C45
B38C44
Pin Descriptions
Pin No.#
Name
Function
1
COMP
Output of error amplifier & input to PWM comparator
2
FB
Inverting input of error amplifier
3
ISNS
Current sense comparator input. It is internally limited to 1V
4
RT/CT
Oscilator RC timing component connection. Resistor RT is connected to
VREF and capacitro CT is conencted to ground. Different values of RT
and CT determine the maximum duty cycle..
5
GND/PGND
Combined pwoer and analog ground
6
OUT
High-power, toten-pole driver output. OUT pin is activly held LOW
when VCC is below the UVLO threshold.
7
VDD
Suply votlage input
8
VREF
5Volt reerence votlage output
Application Notes:
The Bay Linear B38C4X devices are compatible with
generic 384x PWM devices. The following discussion
highlights the differences and advantages of the Bay C
design.
Start- up Current
Bau Linear BiCMOS process allows for substantial
reduction in the start- up current. Typical start- up
current is 95 µ A, with a maximum limit of 120 µ A.
Low start- up current allows high resistance, lower-
wattage, start- up resistors to supply controller start-
up power
.
Output Driver
The B38C4x CMOS output stage drives external
power MOSFETs to the full supply voltage. Low ON-
resistance and high peak current drive combine to give
greater than 1000pF gate capacitance drive capability.
Rise and fall time requirements may dictate the
appropriate value of output capacitance. Within the
restrictions of output capacity and controller power
dissipation, switching frequencies
can exceed 1MHz.
The CMOS output stage “ break- before- make”
action is guaranteed by design and insures that no
cross- conduction current will flow. This
minimizes heat dissipation, increases efficiency
and enhances reliability.
Oscilator Operation
Two external components, RT and CT, set the
switching frequency.
With VCC = 14V, RT = 10k and CT = 3.3nF,
nominal switching frequency is 50kHz.
B38C4X


Similar Part No. - B38C43M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B38C800DM-45 VISHAY-B38C800DM-45 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3 VISHAY-B38C800DM-E3 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3/45 VISHAY-B38C800DM-E3/45 Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
More results

Similar Description - B38C43M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com