Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B38C44M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B38C44M
Description  BiCMOS Current Mode PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B38C44M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B38C44M Datasheet HTML 1Page - List of Unclassifed Manufacturers B38C44M Datasheet HTML 2Page - List of Unclassifed Manufacturers B38C44M Datasheet HTML 3Page - List of Unclassifed Manufacturers B38C44M Datasheet HTML 4Page - List of Unclassifed Manufacturers B38C44M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B38C4X
Electrical Characteristics
(VCC = 15V;RT = 10Ω, CT = 3.3nF, TA=0 °C to +70°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
CURRENT SENSE SECTION
Gain
GV
(Note 1 & 2)
2.85
3
3.15
V/V
Maximum input Signal
VI(MAX)
V1 = 5V (Note 1)
0.9
1
1.1
V
Power Supply Rejection
Ratio
PSRR
12V
≤VCC≤25V
70
-
dB
Input Bias Current
IBIAS
-3
-10
µA
UNDER-VOLTAGE LOCKOUT SECTION
B3842/B3844
14.5
16
17.5
Start Threshold
VTH(ST)
B3843/B3845
7.8
8.4
9
V
B3842/B3844
8.5
10
11.5
Min-Operating Voltage
(after Turn On)
VOPR(MIN)
B3843/B3845
7.0
7.6
8.2
V
PWM SECTION
B3842/B3844
Max Duty Cycle
D(MAX)
B3843/B3845
95
47
97
48
100
50
%
Min Duty Cycle
D (MIN)
-
-
0
%
TOTAL STANDBY CURRENT
B3842A/43A/44A/45A
-
100
120
Start-Up Current
IST
B3842B/43B/44B/45B
100
120
µA
Operating Supply Current
ICC(OPR)
V3=V2=ON
-
14
17
mA
Zener Voltage
VZ
ICC
30
38
-
V
Start-Up Current
IST
B3842A/43A/44A/45A
-
0.17
0.3
mA
PACKAGE THERMAL RESISTANCE
8-SOIC
θJA
170
°C/W
8-PDip
θJA
125
°C/W
This is
The base
14 Pin versions


Similar Part No. - B38C44M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B38C800DM-45 VISHAY-B38C800DM-45 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3 VISHAY-B38C800DM-E3 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B38C800DM-E3/45 VISHAY-B38C800DM-E3/45 Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
More results

Similar Description - B38C44M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com