Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV251D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV251D
Description  8-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV251D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV251D Datasheet HTML 2Page - NXP Semiconductors 74LV251D Datasheet HTML 3Page - NXP Semiconductors 74LV251D Datasheet HTML 4Page - NXP Semiconductors 74LV251D Datasheet HTML 5Page - NXP Semiconductors 74LV251D Datasheet HTML 6Page - NXP Semiconductors 74LV251D Datasheet HTML 7Page - NXP Semiconductors 74LV251D Datasheet HTML 8Page - NXP Semiconductors 74LV251D Datasheet HTML 9Page - NXP Semiconductors 74LV251D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV251
8-input multiplexer (3-State)
1998 May 20
6
DC ELECTRICAL CHARACTERISTICS (Continued)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
90
t
/t
Propagation delay
Figure 1
2.0
31
58
70
ns
tPHL/tPLH
gy
In to Y
Figure 1
2.7
23
43
51
ns
3.0 to 3.6
172
34
41
1.2
100
t
/t
Propagation delay
Figure 2
2.0
34
65
77
ns
tPHL/tPLH
gy
In to Y
Figure 2
2.7
25
48
56
ns
3.0 to 3.6
192
38
45
1.2
120
t
/t
Propagation delay
Figure 1
2.0
41
77
92
ns
tPHL/tPLH
gy
Sn to Y
Figure 1
2.7
30
56
68
ns
3.0 to 3.6
232
45
54
1.2
125
t
/t
Propagation delay
Figure 2
2.0
43
82
97
ns
tPHL/tPLH
gy
Sn to Y
Figure 2
2.7
31
60
71
ns
3.0 to 3.6
242
48
57
1.2
65
t
/t
3-State output disable time
Figure 2
2.0
22
43
51
ns
tPZH/tPZL
OE to Y, Y
Figure 2
2.7
16
31
38
ns
3.0 to 3.6
122
25
30
1.2
60
t
/t
3-State output disable time
Figure 2
2.0
22
39
48
ns
tPHZ/tPLZ
OE to Y, Y
Figure 2
2.7
17
29
36
ns
3.0 to 3.6
132
24
29
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.


Similar Part No. - 74LV251D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257D PHILIPS-74LV257D Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257DB PHILIPS-74LV257DB Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257N PHILIPS-74LV257N Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257PW PHILIPS-74LV257PW Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
More results

Similar Description - 74LV251D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com