Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDC-16D25D Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SRDC-16D25D
Description  NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDC-16D25D Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SRDC-16D25D Datasheet HTML 1Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 2Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 3Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 4Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 5Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 6Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 7Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 8Page - Bel Fuse Inc. SRDC-16D25D Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDC-16D250
4.50 – 15V Input / 2.5V Output / 16A
page 4
General Specifications
1. Vin=5V, full load and Ta=25° C.
2. Vin=12V, full load and Ta=25° C.
3. See graph on page 6.
Note: On/off pin designed to work with an open collector/drain switch.
Control Specifications
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
y
c
n
e
i
c
i
f
f
E
1
)
V
0
.
5
=
n
i
V
(
η
0
91
9
%
y
c
n
e
i
c
i
f
f
E
2
)
V
0
.
2
1
=
n
i
V
(
η
5
.
6
85
.
7
8
%
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
Sw
s
F5
9
40
5
55
0
6z
H
k
e
g
n
a
R
m
i
r
T
e
g
a
t
l
o
V
t
u
p
t
u
O
3
0
9
0
1
1%
n
o
i
t
a
s
n
e
p
m
o
C
e
s
n
e
S
e
t
o
m
e
R
)
d
e
i
f
i
c
e
p
s
n
o
i
t
p
o
n
e
h
w
(
5
.
0V
m
t
h
g
i
e
W
6
1
g
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
f
f
O
/
n
O
e
t
o
m
e
R
)
V
0
.
5
=
n
i
V
(
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O
n
e
t
u
o
V
1
.
2V
f
f
O
/
n
O
e
t
o
m
e
R
)
V
0
.
2
1
=
n
i
V
(
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O
n
e
t
u
o
V
1
.
5V
f
f
O
/
n
O
e
t
o
m
e
R
n
o
i
t
a
t
i
m
i
L
e
c
n
a
d
e
p
m
I
)
n
i
V
+
o
t
p
u
d
e
ll
u
p
n
i
p
(
e
l
b
a
n
e
R
5
.
1
1
k
)
f
f
O
t
i
n
U
(
w
o
L
l
a
n
g
i
S3
.
0
-
3
.
0V
)
n
O
t
i
n
U
(
h
g
i
H
l
a
n
g
i
S5
.
1
5
.
5V
s
l
e
v
e
L
d
o
o
G
r
e
w
o
P
)
d
e
i
f
i
c
e
p
s
n
o
i
t
p
o
n
e
h
w
(
g
p
V
w
o
L
l
a
n
g
i
S
8
1
.
04
.
0V
k
n
i
S
t
n
e
r
r
u
C
4A
m
h
g
i
H
l
a
n
g
i
S
)
r
o
t
c
e
ll
o
c
n
e
p
o
s
i
l
a
n
g
i
s
(
5
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
r
e
d
n
U
g
n
i
s
i
r
t
u
o
V
4
0
.
3
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
r
e
d
n
U
g
n
il
l
a
f
t
u
o
V
7
9
.
2
V


Similar Part No. - SRDC-16D25D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDC-16D120 BEL-SRDC-16D120 Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D12D BEL-SRDC-16D12D Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D12S BEL-SRDC-16D12S Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D18D BEL-SRDC-16D18D Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
More results

Similar Description - SRDC-16D25D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DC-16D250 BEL-S7DC-16D250 Datasheet
149Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
S7DC-16D180 BEL-S7DC-16D180 Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D120 BEL-SRDC-16D120 Datasheet
200Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DC-16D120 BEL-S7DC-16D120 Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
S7DC-16D330 BEL-S7DC-16D330 Datasheet
176Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com