Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV244PWDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV244PWDH
Description  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV244PWDH Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV244PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV244PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV244
Octal buffer/line driver (3-State)
1998 May 20
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
1OE
Output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3 Data inputs
3, 5, 7, 9
2Y0 to 2Y3 Bus outputs
10
GND
Ground (0 V)
17, 15, 13, 11
2A0 to 2A3
Data inputs
18, 16, 14, 12
1Y0 to 1Y3
Bus outputs
19
2OE
Output enable input (active LOW)
20
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00666
18
16
14
12
2
4
6
8
EN
1
9
7
5
3
11
13
15
17
EN
19
FUNCTIONAL DIAGRAM
SV00622
2Y0
3
2Y1
5
2Y2
7
2Y3
9
2A0
17
2A1
15
2A2
13
2A3
11
2OE
19
1Y0
18
1Y1
16
1Y2
14
1Y3
12
1A0
2
1A1
4
1A2
6
1A3
8
1OE
1
FUNCTION TABLE
INPUTS
OUTPUT
nOE
nAn
nYn
L
L
L
L
H
H
H
X
Z
NOTES:
H =
HIGH voltage level
L
=
LOW voltage level
X =
don’t care
Z =
high impedance OFF-state


Similar Part No. - 74LV244PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV244PW NEXPERIA-74LV244PW Datasheet
235Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 5 - 24 September 2021
74LV244PW-Q100 NEXPERIA-74LV244PW-Q100 Datasheet
729Kb / 14P
   Octal buffer/line driver (3-state)
More results

Similar Description - 74LV244PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com