Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV257D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV257D
Description  Quad 2-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV257D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV257D Datasheet HTML 2Page - NXP Semiconductors 74LV257D Datasheet HTML 3Page - NXP Semiconductors 74LV257D Datasheet HTML 4Page - NXP Semiconductors 74LV257D Datasheet HTML 5Page - NXP Semiconductors 74LV257D Datasheet HTML 6Page - NXP Semiconductors 74LV257D Datasheet HTML 7Page - NXP Semiconductors 74LV257D Datasheet HTML 8Page - NXP Semiconductors 74LV257D Datasheet HTML 9Page - NXP Semiconductors 74LV257D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV257
Quad 2-input multiplexer (3-State)
1998 May 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
65
t
/t
Propagation delay
nl0 to nY
Figure 1
2.0
22
43
51
ns
tPHL/tPLH
nl0 to nY
nl1 to nY
Figure 1
2.7
16
31
38
ns
3.0 to 3.6
122
25
30
1.2
85
tPHL/tPLH
Propagation delay
Figure 1
2.0
29
56
66
ns
tPHL/tPLH
gy
S to nY
Figure 1
2.7
21
41
49
ns
3.0 to 3.6
162
33
39
1.2
60
tPZH/tPZL
3-State output enable time
Figure 2
2.0
20
39
46
ns
tPZH/tPZL
OE to nY
Figure 2
2.7
15
29
34
ns
3.0 to 3.6
112
23
27
1.2
65
t
/t
3-State output disable time
Figure 2
2.0
24
40
49
ns
tPHZ/tPLZ
OE to nY
Figure 2
2.7
18
32
37
ns
3.0 to 3.6
142
26
30
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 0.5 × VCC at VCC < 2.7 V
VM = 1.5 V at VCC ≥ 2.7 V
VX = VOL + 0.3 V at VCC ≥ 2.7 V
VX = VOL + 0.1 × VCC at VCC < 2.7 V
VY = VOH – 0.3 V at VCC ≥ 2.7V
VY = VOH – 0.1 × VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00641
VM
S, nI0, nI1
INPUTS
nY OUTPUT
VM
tPLH
tPHL
GND
VCC
VOL
VOH
Figure 1. Input (S, nl0, nl1) to output (nY) propagation delays.
SV00642
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
OE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Figure 2. 3-State enable and disable times.


Similar Part No. - 74LV257D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251D PHILIPS-74LV251D Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251DB PHILIPS-74LV251DB Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251N PHILIPS-74LV251N Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251PW PHILIPS-74LV251PW Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
More results

Similar Description - 74LV257D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com