Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH19 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMH19
Description  NPN/PNP resistor-equipped transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH19 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMH19 Datasheet HTML 2Page - NXP Semiconductors PEMH19 Datasheet HTML 3Page - NXP Semiconductors PEMH19 Datasheet HTML 4Page - NXP Semiconductors PEMH19 Datasheet HTML 5Page - NXP Semiconductors PEMH19 Datasheet HTML 6Page - NXP Semiconductors PEMH19 Datasheet HTML 7Page - NXP Semiconductors PEMH19 Datasheet HTML 8Page - NXP Semiconductors PEMH19 Datasheet HTML 9Page - NXP Semiconductors PEMH19 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
9397 750 14408
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2005
6 of 11
Philips Semiconductors
PEMD19; PUMD19
NPN/PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = open
8.
Package outline
Fig 5.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28
04-11-08


Similar Part No. - PEMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH19 NXP-PEMH19 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PEMH19 NEXPERIA-PEMH19 Datasheet
185Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
logo
NXP Semiconductors
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
More results

Similar Description - PEMH19

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
   NPN/PNP resistor-equipped transistors
2001 Nov 07
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
logo
Nexperia B.V. All right...
PEMD18 NEXPERIA-PEMD18 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PUMD10 PHILIPS-PUMD10 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD2 PHILIPS-PUMD2 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 21
PEMD17 PHILIPS-PEMD17 Datasheet
69Kb / 12P
   NPN/PNP resistor-equipped transistors
Rev. 03-24 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com