Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C202-120N1TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27C202-120N1TR
Description  2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C202-120N1TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27C202-120N1TR Datasheet HTML 5Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 6Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 7Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 8Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 9Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 10Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 11Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 12Page - STMicroelectronics M27C202-120N1TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
M27C202
On-Board Programming
The M27C202 can be directly programmed in the
application circuit. See the relevant Application
Note AN620.
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25
°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27C202. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the M27C202
with VPP =VCC = 5V. Two identifier bytes may
then be sequenced from the device outputs by tog-
gling address line A0 from VIL to VIH. All other ad-
dress lines must be held at VIL during Electronic
Signature mode. Byte 0 (A0 = VIL) represents the
manufacturer code and byte 1 (A0 = VIH) the de-
vice identifier code. For the STMicroelectronics
M27C202, these two identifier bytes are given in
Table 4 and can be read-out on outputs Q7 to Q0.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C202 is
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that
sunlight and some type of fluorescent lamps have
wavelengths in the 3000-4000 Å range. Research
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C202 in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C202 is to be exposed to these
types of lighting conditions for extended periods of
time, it is suggested that opaque labels be put over
the M27C202 window to prevent unintentional era-
sure. The recommended erasure procedure for
the M27C202 is exposure to short wave ultraviolet
light which has wavelength 2537 Å. The integrated
dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 15 W-sec/cm
2. The era-
sure time with this dosage is approximately 15 to
20 minutes
using an
ultraviolet
lamp
with
12000
µW/cm2 power rating. The M27C202 should
be placed within 2.5 cm (1 inch) of the lamp tubes
during the erasure. Some lamps have a filter on
their tubes which should be removed before era-
sure.


Similar Part No. - M27C202-120N1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001-10B1TR STMICROELECTRONICS-M27C2001-10B1TR Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C202-120N1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com