Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV259DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV259DB
Description  8-bit addressable latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV259DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV259DB Datasheet HTML 2Page - NXP Semiconductors 74LV259DB Datasheet HTML 3Page - NXP Semiconductors 74LV259DB Datasheet HTML 4Page - NXP Semiconductors 74LV259DB Datasheet HTML 5Page - NXP Semiconductors 74LV259DB Datasheet HTML 6Page - NXP Semiconductors 74LV259DB Datasheet HTML 7Page - NXP Semiconductors 74LV259DB Datasheet HTML 8Page - NXP Semiconductors 74LV259DB Datasheet HTML 9Page - NXP Semiconductors 74LV259DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74LV259
8-bit addressable latch
1998 May 20
6
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional quiescent
supply current per
input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
105
t
/t
Propagation delay
Figure 2
2.0
36
49
61
ns
tPHL/tPLH
gy
D to Qn
Figure 2
2.7
26
36
45
ns
3.0 to 3.6
202
29
36
1.2
105
t
/t
Propagation delay
Figure 3
2.0
36
49
61
ns
tPHL/tPLH
gy
An to Qn
Figure 3
2.7
26
36
45
ns
3.0 to 3.6
202
29
36
1.2
100
t
/t
Propagation delay
Figure 1
2.0
34
48
60
ns
tPHL/tPLH
gy
LE to Qn
Figure 1
2.7
25
35
44
ns
3.0 to 3.6
192
28
35
1.2
90
t
Propagation delay
Figure 4
2.0
31
43
53
ns
tPHL
gy
MR to Qn
Figure 4
2.7
23
31
39
ns
3.0 to 3.6
172
25
31
LE
lidth
2.0
34
10
41
tw
LE pulse width
HIGH or LOW
Figure 1
2.7
25
8
30
ns
HIGH or LOW
3.0 to 3.6
20
62
24
MR
lidth
2.0
34
10
41
tw
MR pulse width
LOW
Figure 4
2.7
25
8
30
ns
LOW
3.0 to 3.6
20
62
24
1.2
35
t
Set-up time
Figure 5 and 6
2.0
24
12
29
ns
tsu
D, An to LE
Figure 5 and 6
2.7
18
9
21
ns
3.0 to 3.6
14
72
17
1.2
–30
t
Hold time
Figure 5
2.0
5
–10
5
ns
th
D to LE
Figure 5
2.7
5
–8
5
ns
3.0 to 3.6
5
–62
5


Similar Part No. - 74LV259DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV259DB NXP-74LV259DB Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
More results

Similar Description - 74LV259DB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com