Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-DB45-K00DD Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-DB45-K00DD
Description  T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-DB45-K00DD Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-DB45-K00DD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-DB45-K00DD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-DB45-K00DD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-DB45-K00DD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-DB45-K00DD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-DB45-K00DD Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Part Number
Package
Viewing Angle
Min.
Max.
HLMP-KB45-A00xx
T-1
40
30
HLMP-DB25-B00xx
T-1 3/4
25
40
Selection Guide
Luminous Intensity Iv (mcd)
Mechanical Option
00: Bulk
02: Tape & Reel, Straight Leads
DD: Ammo Pack
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Viewing Angle
25: 25 degrees
45: 40 degrees
Color Options
B: Blue 462 nm
Package Options
D: T-1 3/4 (5 mm)
K: T-1 (3 mm)
Part Numbering System
HLMP - x x xx - x x x xx
Absolute Maximum Ratings at TA = 25˚C
Parameter
Blue
Units
Peak Forward Current
70
mA
DC Current[1]
30
mA
Reverse Voltage (IR = 100 µA)
5
V
Transient Forward Current[2]
350
mA
(10
µsec Pulse)
LED Junction Temperature
115
˚C
Operating Temperature
–20 to +80
˚C
Storage Temperature
–30 to +100
˚C
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Notes:
1. Derate linearly from 50
°C as shown in Figure 6.
2. The transient peak current is the maximum non-recurring peak current that can be
applied to the device without damaging the LED die and wirebond. It is not
recommended that this device be operated at peak currents above the Absolute
Maximum Peak Forward Current.


Similar Part No. - HLMP-DB45-K00DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DB25 AVAGO-HLMP-DB25 Datasheet
259Kb / 8P
   General purpose leads
More results

Similar Description - HLMP-DB45-K00DD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com