Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1026-20 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1026-20
Description  5V / 3.3V 64KX16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026-20 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1026-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026-20 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 5 of 10
Write cycle (over the operating range) 11
Shaded areas indicate preliminary information.
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CE controlled)10,11
Parameter
Symbol
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
12
15
20
ns
Chip enable (CE) to write end
tCW
8
12
13
ns
Address setup to write end
tAW
9
10
12
ns
Address setup time
tAS
0–0
0–
ns
Write pulse width
tWP
8
10
12
ns
Address hold from end of write
tAH
0–0
0–
ns
Data valid to write end
tDW
6–8
10
ns
Data hold time
tDH
0–0
0–
ns
5
Write enable to output in high Z
tWZ
–6–
6
–8
ns
4, 5
Output active from write end
tOW
1–1
2–
ns
4, 5
Byte select low to end of write
tBW
8–9
12
ns
Address
CE
LB, UB
WE
DataIN
DataOUT
tWC
tCW
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
tWR
Data undefined
high Z
Data valid
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tOW
tWZ
tWR
DataOUT
Data undefined
high Z
high Z
tAS
tAW
Data valid
tCLZ


Similar Part No. - AS7C1026-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026-20 ALSC-AS7C1026-20 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-20BC ALSC-AS7C1026-20BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-20JC ALSC-AS7C1026-20JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-20JI ALSC-AS7C1026-20JI Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-20TC ALSC-AS7C1026-20TC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C1026-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com