Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70UF60A Datasheet(PDF) 1 Page - International Rectifier

Part # 70UF60A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70UF60A Datasheet(HTML) 1 Page - International Rectifier

  70UF60A Datasheet HTML 1Page - International Rectifier 70UF60A Datasheet HTML 2Page - International Rectifier 70UF60A Datasheet HTML 3Page - International Rectifier 70UF60A Datasheet HTML 4Page - International Rectifier 70UF60A Datasheet HTML 5Page - International Rectifier 70UF60A Datasheet HTML 6Page - International Rectifier 70UF60A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STANDARD RECOVERY DIODES
Stud Version
70/300U(R) SERIES
250A
300A
Bulletin I2039
Features
Alloy diode
Peak reverse voltage up to 1000V
Popular series for rough service
Standard JEDEC types
Stud cathode and stud anode version
Typical Applications
Welders
Power supplies
Motor controls
Battery chargers
General industrial current rectification
I
F(AV)
250
300
A
@ T
C
150
130
°C
I
FSM
@ 50Hz
6550
A
@ 60Hz
6850
A
I
2t
@ 50Hz
214
KA
2s
@ 60Hz
195
KA
2s
V
RRM
range
100 to 1000
50 to 1000
V
T
J
-65 to 200
°C
Parameters
70U
300U
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 70UF60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70U IRF-70U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
logo
New Jersey Semi-Conduct...
70U10 NJSEMI-70U10 Datasheet
149Kb / 1P
   Standard Recovery
70U10 NJSEMI-70U10 Datasheet
149Kb / 1P
   Standard Recovery
70U100 NJSEMI-70U100 Datasheet
149Kb / 1P
   Standard Recovery
70U100 NJSEMI-70U100 Datasheet
149Kb / 1P
   Standard Recovery
More results

Similar Description - 70UF60A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com