Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV27PWDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV27PWDH
Description  Triple 3-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV27PWDH Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV27PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV27PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LV27
Triple 3-input NOR gate
1998 Apr 20
3
PIN CONFIGURATION
1
2
3
4
5
6
7
1A
1B
2A
2B
2C
2Y
GND
V
CC
1C
1Y
3C
3B
3A
3Y
14
13
12
11
10
9
8
SV00446
LOGIC SYMBOL
2C
2A
2Y
5
3
6
2B
4
3C
3A
3Y
11
9
8
3B
10
1C
1A
1Y
13
1
12
1B
2
SV00447
LOGIC SYMBOL (IEEE/IEC)
2
4
10
1
3
9
13
5
11
12
6
8
SV00448
1
1
1
LOGIC DIAGRAM
A
C
Y
B
SV00449
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Similar Part No. - 74LV27PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273D PHILIPS-74LV273D Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273DB PHILIPS-74LV273DB Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273N PHILIPS-74LV273N Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273PW PHILIPS-74LV273PW Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results

Similar Description - 74LV27PWDH

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com