Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV368N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV368N
Description  Hex buffer/line driver; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV368N Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV368N Datasheet HTML 1Page - NXP Semiconductors 74LV368N Datasheet HTML 2Page - NXP Semiconductors 74LV368N Datasheet HTML 3Page - NXP Semiconductors 74LV368N Datasheet HTML 4Page - NXP Semiconductors 74LV368N Datasheet HTML 5Page - NXP Semiconductors 74LV368N Datasheet HTML 6Page - NXP Semiconductors 74LV368N Datasheet HTML 7Page - NXP Semiconductors 74LV368N Datasheet HTML 8Page - NXP Semiconductors 74LV368N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV368
Hex buffer/line driver; inverting (3-State)
1998 May 29
5
DC CHARACTERISTICS FOR THE LV FAMILY
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH level Input
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6V
2.0
2.0
LOW level Input
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6V
0.8
0.8
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
VOH
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage; BUS driver
outputs
VCC = 3.0V;VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
VOL
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; BUS driver
outputs
VCC = 3.0V;VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
V
II
Input leakage
current
VCC = 3.6V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 3.6V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1
All typical values are measured at Tamb = 25°C.


Similar Part No. - 74LV368N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365D PHILIPS-74LV365D Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365DB PHILIPS-74LV365DB Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365N PHILIPS-74LV365N Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365PW PHILIPS-74LV365PW Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results

Similar Description - 74LV368N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com