Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV367DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV367DB
Description  Hex buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV367DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV367DB Datasheet HTML 1Page - NXP Semiconductors 74LV367DB Datasheet HTML 2Page - NXP Semiconductors 74LV367DB Datasheet HTML 3Page - NXP Semiconductors 74LV367DB Datasheet HTML 4Page - NXP Semiconductors 74LV367DB Datasheet HTML 5Page - NXP Semiconductors 74LV367DB Datasheet HTML 6Page - NXP Semiconductors 74LV367DB Datasheet HTML 7Page - NXP Semiconductors 74LV367DB Datasheet HTML 8Page - NXP Semiconductors 74LV367DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV367
Hex buffer/line driver (3-State)
2
1998 May 29
853–1933 19466
FEATURES
Optimized for Low Voltage applications: 1.0 to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
Non-inverting outputs
Output capability: bus driver
I
CC category: MSI
DESCRIPTION
The 74LV367 is a low-voltage CMOS device and is pin and function
compatible 74HC/HCT367.
The 74LV367 is a hex non-inverting buffer/line driver with 3-State
outputs. The 3-State outputs (nY) are controlled by the output
enable inputs (1OE, 2OE).
A HIGH on nOE, causes the outputs to assume a high impedance
OFF-state.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA to nY
CL = 15pF
VCC = 3.3V
8
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per buffer
Notes 1 and 2
30
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV367 N
74LV367 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV367 D
74LV367 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV367 DB
74LV367 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV367 PW
74LV367PW DH
SOT403-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 15
1OE, 2OE
Output enable inputs (active-LOW)
2, 4, 6, 10,
12, 14
1A to 6A
Data inputs
3, 5, 7, 9, 11,
13
1Y to 6Y
Data outputs
8
GND
Ground (0V)
16
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUT
nOE
nA
nY
L
L
L
L
H
H
H
X
Z
H = HIGH voltage level
L = LOW voltage level
X = Don’t care
Z = High impedance OFF-state


Similar Part No. - 74LV367DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV367A TI-74LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LV367DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
   Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com