Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV367PWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV367PWDH
Description  Hex buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV367PWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV367PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV367PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LV367
Hex buffer/line driver (3-State)
1998 May 29
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
3.6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
500
200
100
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 3.6V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
±IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
±IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
±IO
DC output source or sink current
– bus driver outputs
–0.5V < VO < VCC + 0.5V
35
mA
±IGND,
±ICC
DC VCC or GND current for types with
–bus driver outputs
70
mA
Tstg
Storage temperature range
–65 to +150
°C
Power dissipation per package
for temperature range: –40 to +125
°C
Ptt
–plastic DIL
above +70
°C derate linearly with 12mW/K
750
mW
Ptot
–plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
–plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
400
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74LV367PWDH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV367A TI-74LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LV367PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
   Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com